Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM5315 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5315
Description  Low Quiescent Current_Low Dropout CMOS Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5315 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5315 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5315 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
HM53XX series (HM5321 , Output voltage +2.1V )
( Ta=25 ℃ unless otherwise
specified)
HM53XX series (HM5325 , Output voltage +2.5V )
( Ta=25 ℃ unless otherwise
specified)
ITEM
SYMBOL
CONDITIONS
MIN
TYPE
MAX
UNITS
Test
circuits
Output voltage
VOUT
VIN= 3.1V,IOUT=40mA
2.058
2.1
2.142
V
1
Output current
*1
IOUT
VIN= 3.1V
320
mA
3
Dropout
voltage *2
Vdrop
IOUT=10 mA
IOUT=100 mA
13
130
18
180
mV
1
Line
regulation
△VOUT1
△VIN·VOUT
3.1V≤VIN≤10V
IOUT=1mA
0.05
0.2
%/V
Load
regulation
△VOUT2
VIN=3.1V
1.0mA≤IOUT≤150mA
30
45
mV
Temperature
coefficient
△VOUT
△Ta·VOUT
VIN=3.1V,IOUT=10mA
-40℃≤Ta≤85℃
±50
±100
Ppm/℃
Current
consumption
ISS1
VIN=10V No Load
1.2
2.5
uA
2
Input
voltage
VIN
--
10
V
Short
current
limit
Ilim
Vout=0V
50
70
mA
ITEM
SYMBOL
CONDITIONS
MIN
TYPE
MAX
UNITS
Test
circuits
Output voltage
VOUT
VIN= 3.5V,IOUT=50mA
2.450
2.5
2.550
V
1
Output current
*1
IOUT
VIN= 3.5V
350
mA
3
Dropout
voltage *2
Vdrop
IOUT=10 mA
IOUT=100 mA
12
120
17
170
mV
1
Line
regulation
△VOUT1
△VIN·VOUT
3.5V≤VIN≤10V
IOUT=1mA
0.05
0.2
%/V
Load
regulation
△VOUT2
VIN=3.5V
1.0mA≤IOUT≤150mA
30
45
mV
Temperature
coefficient
△VOUT
△Ta·VOUT
VIN=3.5V,IOUT=10mA
-40℃≤Ta≤85℃
±50
±100
Ppm/℃
Current
consumption
ISS1
VIN=10V No Load
1.2
2.5
uA
2
Input
voltage
VIN
--
10
V
Short
current
limit
Ilim
Vout=0V
50
70
mA
HM53XX
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com