Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF5000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AF5000
Description  AF1000 TO 6000
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF5000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AF5000 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
∗∗
AF1000 to 6000
Dimensions
AF1000/2000
AF3000/4000/4000-06
Model
Port size
Q
M
BB
Bracket mounting dimensions
Auto-drain
Float
Press. Diff.
AF1000
AF2000
AF3000
AF4000
AF4000-06
AF5000
AF6000
137.5
173.5
177.5
252.5
266.5
135
171
175
250
264
66
97.5
142
178
182
257
271
BB
B
BB
162
198
202
277
291
AF1000
AF2000
AF3000
AF4000
AF4000-06
AF5000
AF6000
P
27.5
40
56
73
73
2.3
2.3
2.3
2.3
3.2
3.2
170
206
210
285.5
299.5
86.5
120.5
L
40
53
70
70
90
90
K
8.4
8
10.5
10.5
13
13
J
5.4
6.5
8.5
8.5
11
11
H
22
23
26
25
35
35
G
27
40
54
54
66
66
F
30
41
50
50
70
70
E
17
16
17
14
23
23
D
25
40
53
70
70
90
95
C
7
11
14
18
20
24
24
B
66
97.5
129
165
169
244
258
A
M5 x 0.8
1
1
25
40
53
70
75
90
95
Model
Barb
fitting
Drain
guide
Metal bowl
Metal bowl with
level gauge
AF5000/6000
8,
1
4
1
4,
1
8
3
4,
1
8,
3
4
3
4,
3
2
1
AF1000
AF2000
AF3000
AF4000
SAC1000, #1
SAC2000, #1
SAC2503, #1
SAC4000, #1
AF4000-06
AF5000
AF6000
SAC4006, #1
SAC5000, #1
SAC6000, #1
Option (AF3000 to AF6000)
Metal bowl
Drain guide
Drain cock/Barb fitting
Metal bowl with level gauge
Pressure differential auto drain
N.C., N.O.
Float style auto drain
N.C., N.O.
Float style auto drain
1.4-5
AF Series
3/2/99 8:50 AM
Page 5


Similar Part No. - AF5000

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
AF500 SAMESKY-AF500 Datasheet
152Kb / 2P
THERMAL PAD
09/12/2024
More results

Similar Description - AF5000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011 Datasheet
105Kb / 1P
2000 TO 6000 MHz CASCADABLE AMPLIFIER
RA63-1 MACOM-RA63-1 Datasheet
492Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
Cascadable Amplifier 2000 to 6000 MHz
logo
Micronetics, Inc.
NMA2414-A1T MICRONETICS-NMA2414-A1T Datasheet
209Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2T MICRONETICS-NMA2414-A2T Datasheet
318Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B2T MICRONETICS-NMA2414-B2T Datasheet
357Kb / 2P
Legacy 100 MHz to 6000 MHz
logo
M/A-COM Technology Solu...
A6011 MA-COM-A6011_15 Datasheet
637Kb / 3P
Cascadable Amplifier 2000 to 6000 MHz
logo
Teledyne Technologies I...
A2CP6115 TELEDYNE-A2CP6115 Datasheet
100Kb / 1P
100 TO 6000 MHz COUGARPAK??AMPLIFIER
A2CP6120 TELEDYNE-A2CP6120 Datasheet
100Kb / 1P
1000 TO 6000 MHz COUGARPAK??AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com