Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LLC Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3LLC
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LLC Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3LLC Datasheet HTML 1Page - M-System Co.,Ltd. M3LLC Datasheet HTML 2Page - M-System Co.,Ltd. M3LLC Datasheet HTML 3Page - M-System Co.,Ltd. M3LLC Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MODEL: M3LLC
M3LLC SPECIFICATIONS
ES-2654 Rev.18 Page 1/4
http://www.m-system.co.jp/
Space-saving Signal Conditioners M3-UNIT Series
STRAIN GAUGE TRANSMITTER
(field- and PC-configurable)
Functions & Features
• Provides a DC output signal proportional to a bridge type
strain gauge utilized in load cells and pressure transducers
• Compatibility with strain gauges of various
bridge resistances and output ratings
• Supplies required excitation voltage; 0.1 – 10.0 V
adjustable
• Response time ≤ 10 msec.
• Front control button function can be locked
Typical Applications
• Weighing system for tanks, hoppers and silos
• Weighing system using cranes
• Pressure sensor utilizing strain gauges
• Float level meter utilizing strain gauges
18 (.71)
106
(4.17)
mm (inch)
110.5 (4.35)
MODEL: M3LLC–[1]–R4/[2][3]
ORDERING INFORMATION
• Code number: M3LLC–[1]–R4/[2][3]
Specify a code from below for each of [1] through [3].
(e.g. M3LLC-S1-R4/A/UL/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Factory setting:
Input signal
S1: 1.0 mV
S2: 3.0 mV
S3: 10.0 mV
S4: 30.0 mV
Excitation voltage: 1 V
Output range: 4 – 20 mA
[1] INPUT STRAIN GAUGE
S1: 0.0 – 1.0 mV/V
S2: 0.0 – 3.0 mV/V
S3: 0.0 – 10.0 mV/V
S4: 0.0 – 30.0 mV/V
OUTPUT – Field-selectable
Current
0 – 20 mA DC
Voltage
-2.5 – +2.5 V DC
-10 – +10 V DC
POWER INPUT
DC Power
R4: 10 – 32 V DC
(Operational voltage range 9 - 36 V, ripple 10 %p-p max.)
[2] CONFIGURATION OPTIONS
A: PC and field configurable
B: Field configurable
[3] OPTIONS (multiple selections)
Standards & Approvals
blank: CE marking
/UL: UL approval, CE marking
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating (UL not available)
RELATED PRODUCTS
• PC configurator software (model: M3CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm)
Housing material: Flame-resistant resin (gray)


Similar Part No. - M3LLC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M3L MTRONPTI-M3L Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L MTRONPTI-M3L Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
logo
International Rectifier
M3L IRF-M3L Datasheet
151Kb / 12P
28V Input, Single/Dual Output
logo
MTRONPTI
M3L13FCN MTRONPTI-M3L13FCN Datasheet
261Kb / 1P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
M3L13FCN MTRONPTI-M3L13FCN Datasheet
272Kb / 2P
3.2x5 mm, 3.3 or 5.0 Volt, HCMOS, Clock Oscillator
More results

Similar Description - M3LLC

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LDY MSYSTEM-M3LDY Datasheet
141Kb / 5P
Space-saving Signal Conditioners M3-UNIT Series
M3DY MSYSTEM-M3DY Datasheet
111Kb / 3P
Space-saving Signal Conditioners M3-UNIT Series
M3LM MSYSTEM-M3LM Datasheet
118Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LPA2 MSYSTEM-M3LPA2 Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LR MSYSTEM-M3LR Datasheet
137Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LT MSYSTEM-M3LT Datasheet
139Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LU MSYSTEM-M3LU Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU2 MSYSTEM-M3LU2 Datasheet
156Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LV MSYSTEM-M3LV Datasheet
116Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com