Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LPA2 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M3LPA2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LPA2 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M3LPA2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LPA2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MODEL: M3LPA2
M3LPA2 SPECIFICATIONS
ES-2657 Rev.8 Page 2/6
http://www.m-system.co.jp/
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
(applicable wire size: 0.2 to 2.5 mm2, stripped length: 8
mm)
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Overrange output: -15 to +115 %
Zero adjustment: -15 to +15 % (front)
Span adjustment: 85 to 115 % (front)
Status indicator LED: Tri-color (green/amber/red) LED;
Blinking patterns indicate operation status of the
transmitter.
PC configurator: Programmable features include:
• I/O type and range, detecting level
• Zero and span adjustments
• User’s linearization table setting
(max. 101 points, specified within -15 to +115 % for both
input and output)
• Sampling time (0.05 – 100 sec.)
(Refer to the instruction manual)
‘One-Step Cal’ calibration: With I/O type and the full-scale
range configured via the internal DIP switches, precise 0 %
and 100 % ranges are calibrated via the front control
buttons with a help of LED. Also I/O calibration and fine
adjustment are available with a PC.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
INPUT SPECIFICATIONS
Measurable frequencies: Minimum span 10 % of the
frequency range selected in Table 2. (5 % for 0 – 200 kHz
range)
See each input type for the maximum span.
Pulse width time requirement: Min. 5 μsec., max. 10 sec.
■ Open Collector
Maximum frequency: 0 – 200 kHz
• Excitation: 4 V
Sensing voltage/current: Approx. 3V / 0.7 mA
Input requirements:
≤ 200 Ω / 0.2 V for ON; ≥ 2 kΩ / 1 V for OFF
Detecting level: 0.6 V
• Excitation: 8 V
Sensing voltage/current: Approx. 6V / 1.5 mA
Input requirements:
≤ 600 Ω / 1 V for ON; ≥ 4 kΩ / 3 V for OFF
Detecting level: 2 V
• Excitation: 12 V
Sensing voltage/current: Approx. 9V / 2.3 mA
Input requirements:
≤ 400 Ω / 1 V for ON; ≥ 2 kΩ / 3 V for OFF
Detecting level: 2 V
■ Mechanical Contact
Maximum frequency: 0 – 10 Hz
• Excitation: 4 V
Sensing voltage/current: Approx. 3V / 0.7 mA
Input requirements:
≤ 200 Ω / 0.2 V for ON; ≥ 2 kΩ / 1 V for OFF
Detecting level: 0.6 V
• Excitation: 8 V
Sensing voltage/current: Approx. 6V / 1.5 mA
Input requirements:
≤ 600 Ω / 1 V for ON; ≥ 4 kΩ / 3 V for OFF
Detecting level: 2 V
• Excitation: 12 V
Sensing voltage/current: Approx. 9V / 2.3 mA
Input requirements:
≤ 400 Ω / 1 V for ON; ≥ 2 kΩ / 3 V for OFF
Detecting level: 2 V
■ Voltage Pulse
Maximum frequency: 0 – 200 kHz
Waveform: Square or sine
Input impedance: ≥ 10 kΩ
Input amplitude: Min. 0.1 Vp-p, max. 100 V p-p
(30 V rms, 42.4 V peak or 60 V DC for UL approval)
Max. voltage between input terminals: 100 V
(30 V rms, 42.4 V peak or 60 V DC for UL approval)
Detecting levels: -2 – +4 V
(Detecting voltage in the internal circuit)
■ Two-wire Current Pulse
Maximum frequency: 0 – 200 kHz
Input resistance: Receiving resistor 100 Ω
Input range: 0 – 25 mA
Minimum pulse amplitude: 10 mA
Detecting levels: -2 – +4 V
(Detecting voltage in the internal circuit)
■ RS-422 Line Driver Pulse
Maximum frequency: 0 – 200 kHz
Receiver: Conforms to RS-422



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com