Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LU2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3LU2
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LU2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3LU2 Datasheet HTML 1Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 2Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 3Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 4Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 5Page - M-System Co.,Ltd. M3LU2 Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M3LU2
M3LU2 SPECIFICATIONS
ES-2653 Rev.8 Page 1/6
http://www.m-system.co.jp/
Space-saving Signal Conditioners M3-UNIT Series
UNIVERSAL TRANSMITTER
(field- and PC-configurable)
Functions & Features
• Universal input: mV, V, mA, T/C, RTD, resistance and
potentiometer
• Easy ‘One-Step Cal’ calibration using the front three
control buttons without needing a PC; PC software is also
usable.
• I/O type and ranges are configurable
• Front control button function can be locked
18 (.71)
106
(4.17)
mm (inch)
110.5 (4.35)
MODEL: M3LU2–[1]/[2][3]
ORDERING INFORMATION
• Code number: M3LU2-[1]/[2][3]
Specify a code from below for each [1] through [3].
(e.g. M3LU2-R4/A/Q)
• Specify the specification for option code /Q
(e.g. /C01)
• Use Ordering Information Sheet (No. ESU-2653).
Factory setting (indicated below) will be used if not
otherwise specified.
Input: 4 – 20 mA
Output: 4 – 20 mA
INPUT – Field-selectable
DC Current & Voltage
Current: 0 – 20 mA DC
Millivolt: -1000 – +1000 mV DC
Voltage: -10 – +10 V DC
Thermocouple
(PR), K (CA), E (CRC), J (IC), T (CC), B (RH), R, S, C (WRe 5-26),
N, U, L, P (Platinel II)
RTD
Pt 100, Pt 200, Pt 300, Pt 400, Pt 500, Pt 1000,
Ni 100, Ni 120, Ni 508.4Ω, Ni-Fe 604,
Cu 10 @25°C, Pt 50Ω, JPt 100
Potentiometer
Total resistance 80 – 4000 Ω
Resistance
0 – 4000 Ω
OUTPUT – Field-selectable
Current
0 – 20 mA DC
Voltage
-2.5 – +2.5 V DC
-10 – +10 V DC
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R4: 10 – 32 V DC
(Operational voltage range 9 - 36 V, ripple 10 %p-p max.)
[2] CONFIGURATION OPTIONS
A: PC and field configurable
B: Field configurable
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: M3CFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.


Similar Part No. - M3LU2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LU MSYSTEM-M3LU Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU-M2/A MSYSTEM-M3LU-M2/A Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU-M2/A/Q MSYSTEM-M3LU-M2/A/Q Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU-M2/A/UL MSYSTEM-M3LU-M2/A/UL Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LU-M2/B MSYSTEM-M3LU-M2/B Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
More results

Similar Description - M3LU2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LDY MSYSTEM-M3LDY Datasheet
141Kb / 5P
Space-saving Signal Conditioners M3-UNIT Series
M3DY MSYSTEM-M3DY Datasheet
111Kb / 3P
Space-saving Signal Conditioners M3-UNIT Series
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LM MSYSTEM-M3LM Datasheet
118Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LPA2 MSYSTEM-M3LPA2 Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LR MSYSTEM-M3LR Datasheet
137Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LT MSYSTEM-M3LT Datasheet
139Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3LU MSYSTEM-M3LU Datasheet
158Kb / 6P
Space-saving Signal Conditioners M3-UNIT Series
M3LV MSYSTEM-M3LV Datasheet
116Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com