Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3LU-M2/B Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M3LU-M2/B
Description  Space-saving Signal Conditioners M3-UNIT Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3LU-M2/B Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M3LU-M2/B Datasheet HTML 1Page - M-System Co.,Ltd. M3LU-M2/B Datasheet HTML 2Page - M-System Co.,Ltd. M3LU-M2/B Datasheet HTML 3Page - M-System Co.,Ltd. M3LU-M2/B Datasheet HTML 4Page - M-System Co.,Ltd. M3LU-M2/B Datasheet HTML 5Page - M-System Co.,Ltd. M3LU-M2/B Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MODEL: M3LU
M3LU SPECIFICATIONS
ES-2652 Rev.20 Page 6/6
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
10 11 12
7
8
9
4
5
6
1
2
3
18 (.71)
110.5 (4.35)
[5 (.20)]
• When mounting, no extra space is needed between units.
*Used only with a thermocouple input
DIN RAIL
35mm wide
CJC SENSOR*
(model: CJM)
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
B
+
–
V
Isolation
1
Output
Driver
3
2
4
6
5
Input
Computation
Input
Circuit
Low Drift
Amplifier
Output
Computation
CONFIGURATOR
JACK
7
8
10
12
STATUS
+
–
3
2
1
POT.
DC
max.
min.
2-wire
RTD
3-wire
RTD
4-wire
RTD
A
A
+
–
+
–
T/C
DIP SW
OUTPUT
AC POWER
U
B
B
A
B
A
B
VOLT
mA
mV
+
–
+
–
CJC
SENSOR
ext. wire
*
* Replace the Terminal Block (4 – 5 – 6) with the one
connected with the CJC Sensor, included in the package.
The CJC Sensor is secured to the terminal 6.
Loosen only the terminal 4 – 5 and connect the T/C extension wires.
9
11
**
** Be aware that the AC power and DC power connect to different terminals.
■ AC POWERED TYPE
B
+
–
+
–
Isolation
1
Output
Driver
3
2
4
6
5
Input
Computation
Input
Circuit
Low Drift
Amplifier
Output
Computation
CONFIGURATOR
JACK
7
8
STATUS
+
–
3
2
1
POT.
DC
max.
min.
2-wire
RTD
3-wire
RTD
4-wire
RTD
A
A
+
–
+
–
T/C
DIP SW
OUTPUT
B
B
A
B
A
B
VOLT
mA
mV
+
–
+
–
CJC
SENSOR
ext. wire
*
■ DC POWERED TYPE
11
12
9
10
**
CONTROL BUTTONS
CONTROL BUTTONS
DC POWER
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com