Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3SDY Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3SDY
Description  Super-space-saving Signal Conditioners M3S-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3SDY Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3SDY Datasheet HTML 1Page - M-System Co.,Ltd. M3SDY Datasheet HTML 2Page - M-System Co.,Ltd. M3SDY Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M3SDY
M3SDY SPECIFICATIONS
ES-7710 Rev.4 Page 1/3
http://www.m-system.co.jp/
Super-space-saving Signal Conditioners
M3S-UNIT Series
CURRENT LOOP SUPPLY
Functions & Features
• Powers a two-wire transmitter and galvanically isolates its
output signal
• High-density mounting
• Power indicator LED
12 (.47)
mm (inch)
110.5 (4.35)
106
(4.17)
MODEL: M3SDY–[1]–R[2]
ORDERING INFORMATION
• Code number: M3SDY-[1]-R[2]
Specify a code from below for each [1] and [2].
(e.g. M3SDY-A-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
Current
4 – 20 mA DC (Input resistance 249.5 Ω)
[1] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
Voltage
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
POWER INPUT
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[2] OPTIONS
Other Options
blank: none
/Q: Option other than the above (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Zero adjustment: -2 to +2 % (front)
Span adjustment: 98 to 102 % (front)
Power LED: Green light turns on when the power is supplied.
SUPPLY OUTPUT
(across the terminals 3 – 4)
Output voltage: 24 – 28 V DC with no load
18 V DC min. at 20 mA
Current rating: ≤ 22 mA DC
• Shortcircuit Protection
Current limited: 45 mA max.
Protected time duration: No limit
INPUT SPECIFICATIONS
■ DC Current: Input resistor incorporated
INSTALLATION
Power consumption
•DC: Approx. 1 W
Operating temperature: -20 to +55°C (-4 to +131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: DIN rail
Weight: 100 g (3.53 oz)
PERFORMANCE in percentage of span
Accuracy: ±0.1 %
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: ≤ 100 msec. (0 – 90 %)
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)


Similar Part No. - M3SDY

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
M3S4ME3 XPPOWER-M3S4ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
M3S6ME3 XPPOWER-M3S6ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
logo
Texas Instruments
M3S9B92-EBZ20T TI-M3S9B92-EBZ20T Datasheet
7Mb / 1386P
Stellaris LM3S9B92 Microcontroller
logo
XP Power Limited
M3S9ME3 XPPOWER-M3S9ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
logo
M-System Co.,Ltd.
M3SMS MSYSTEM-M3SMS Datasheet
100Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results

Similar Description - M3SDY

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SMS MSYSTEM-M3SMS Datasheet
100Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SRS MSYSTEM-M3SRS Datasheet
102Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SVS MSYSTEM-M3SVS Datasheet
96Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SWVS MSYSTEM-M3SWVS Datasheet
104Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXM MSYSTEM-M3SXM Datasheet
104Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR MSYSTEM-M3SXR Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SYV MSYSTEM-M3SYV Datasheet
92Kb / 2P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXV MSYSTEM-M3SXV Datasheet
107Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com