Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3SXM Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3SXM
Description  Super-space-saving Signal Conditioners M3S-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3SXM Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3SXM Datasheet HTML 1Page - M-System Co.,Ltd. M3SXM Datasheet HTML 2Page - M-System Co.,Ltd. M3SXM Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M3SXM
M3SXM SPECIFICATIONS
ES-7704 Rev.6 Page 1/3
http://www.m-system.co.jp/
Super-space-saving Signal Conditioners
M3S-UNIT Series
POTENTIOMETER TRANSMITTER
(PC programmable)
Functions & Features
• Provides a DC output proportional to a potentiometer or
slidewire position input
• Linearization and burnout protection
• PC programmable
• Universal AC/DC power input
• High-density mounting
• Power and status indicator LED
12 (.47)
mm (inch)
110.5 (4.35)
106
(4.17)
MODEL: M3SXM–1[1]–[2][3]
ORDERING INFORMATION
• Code number: M3SXM-1[1]-[2][3]
Specify a code from below for each [1] through [3].
(e.g. M3SXM-1Z1-R/Q)
• Output range (e.g. 4 – 20 mA DC)
• Specify the specification for option code /Q
(e.g. /C01)
INPUT
1: Total resistance 100 – 5000 Ω
(Configurator software is used to change the input range.)
[1] OUTPUT
Current
Z1: Range 0 – 20 mA DC
Voltage
V2: Range -10 – +10 V DC
V3: Range -5 – +5 V DC
(Configurator software is used to change output over the
described range of the selected suffix code.
For changing between suffix codes, set the Output Range
Selector on the side of unit before software adjustment.)
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Universal
AD: 100 – 240 V AC / 24 – 240 V DC (universal)
(Operational voltage range 90 - 264 V AC, 47 - 66 Hz /
21.6 - 264 V DC, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• PC configurator software (model: M3SCFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual for the PC configurator for applicable
cable types.
GENERAL SPECIFICATIONS
Construction: Small-sized front terminal structure
Connection: Euro type connector terminal
Applicable wire size: 0.2 to 2.5 mm2, stripped length 8 mm
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Overrange output: -2 – +102 %
(Negative current output is not available.)
Zero adjustment: -2 to +2 % (PC programming)
Span adjustment: 98 to 102 % (PC programming)
Burnout: Upscale standard; downscale or no burnout
optional by programming
Power LED: Green light turns on when the power is supplied.
Status indicator LED: Orange LED; Blinking patterns indicate
different operating status of the transmitter.
Programming: Downloaded from PC; input type and range,
output type and range, zero and span, burnout type, user’s
linearization table (max. 101 points, specified within -2 to


Similar Part No. - M3SXM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3SXR MSYSTEM-M3SXR Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR-1V2-AD MSYSTEM-M3SXR-1V2-AD Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR-1V2-AD/Q MSYSTEM-M3SXR-1V2-AD/Q Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR-1V2-M2 MSYSTEM-M3SXR-1V2-M2 Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR-1V2-M2/Q MSYSTEM-M3SXR-1V2-M2/Q Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results

Similar Description - M3SXM

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SDY MSYSTEM-M3SDY Datasheet
103Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SMS MSYSTEM-M3SMS Datasheet
100Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SRS MSYSTEM-M3SRS Datasheet
102Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SVS MSYSTEM-M3SVS Datasheet
96Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SWVS MSYSTEM-M3SWVS Datasheet
104Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR MSYSTEM-M3SXR Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SYV MSYSTEM-M3SYV Datasheet
92Kb / 2P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXV MSYSTEM-M3SXV Datasheet
107Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com