Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5448530 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5448530
Description  Printed-circuit board connector - BCP-500F-11 GN
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5448530 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5448530 Datasheet HTML 1Page - PHOENIX CONTACT 5448530 Datasheet HTML 2Page - PHOENIX CONTACT 5448530 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5448530
11/04/2014   Page 1 / 3
Printed-circuit board connector - BCP-500F-11 GN - 5448530
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 11, Pitch: 5 mm,
Connection method: Screw connection, Color: pastel green, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
100 pc
Custom tariff number
85366990
Country of origin
China
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27440401
eCl@ss 8.0
27440401
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638
UNSPSC
UNSPSC 6.01
30211801


Similar Part No. - 5448530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5448501 PHOENIX-5448501 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F- 8 GN
5448514 PHOENIX-5448514 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F- 9 GN
5448527 PHOENIX-5448527 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F-10 GN
5448543 PHOENIX-5448543 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F-12 GN
5448556 PHOENIX-5448556 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F-13 GN
More results

Similar Description - 5448530

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5448611 PHOENIX-5448611 Datasheet
73Kb / 4P
Printed-circuit board connector - BCP-500F-19 GN
5448624 PHOENIX-5448624 Datasheet
73Kb / 4P
Printed-circuit board connector - BCP-500F-20 GN
5448569 PHOENIX-5448569 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F-14 GN
5448598 PHOENIX-5448598 Datasheet
73Kb / 4P
Printed-circuit board connector - BCP-500F-17 GN
5448608 PHOENIX-5448608 Datasheet
73Kb / 4P
Printed-circuit board connector - BCP-500F-18 GN
5448462 PHOENIX-5448462 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F- 4 GN
5448475 PHOENIX-5448475 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F- 5 GN
5448527 PHOENIX-5448527 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F-10 GN
5448459 PHOENIX-5448459 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F- 3 GN
5448514 PHOENIX-5448514 Datasheet
70Kb / 3P
Printed-circuit board connector - BCP-500F- 9 GN
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com