Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXT8550 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PXT8550
Description  PNP Silicon Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PXT8550 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PXT8550 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PXT8550 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PXT8550 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP Silicon Epitaxial Planar Transistor
For switching and amplifier applications.
Especially suitable for AF-driver stages
and low power output stages.
Absolute Maximum Ratings (Ta = 25℃)
Characteristics at Ta = 25℃
PNP Silicon Epitaxial Planar Transistor
1
3
2
PXT8550
Rev :
www.leiditech.com
01.06.2017
1/3


Similar Part No. - PXT8550

ManufacturerPart #DatasheetDescription
logo
Shenzhen Jin Yu Semicon...
PXT8550 HTSEMI-PXT8550 Datasheet
483Kb / 2P
TRANSISTOR(PNP)
logo
MAKO SEMICONDUCTOR CO.,...
PXT8550 MAKOSEMI-PXT8550 Datasheet
101Kb / 2P
Complimentary to PXT8050
logo
GUANGDONG HOTTECH INDUS...
PXT8550 HOTTECH-PXT8550 Datasheet
201Kb / 2P
Plastic-Encapsulate Transistors
logo
Galaxy Semi-Conductor H...
PXT8550 BILIN-PXT8550 Datasheet
517Kb / 4P
PLASTIC-ENCAPSULATE TRANSISTORS
logo
Jiangsu Changjiang Elec...
PXT8550 JIANGSU-PXT8550 Datasheet
3Mb / 4P
SOT-89-3L Plastic-Encapsulate Transistors
More results

Similar Description - PXT8550

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR532H AUK-SUR532H Datasheet
235Kb / 3P
Epitaxial planar PNP silicon transistor
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
SUR550J AUK-SUR550J Datasheet
229Kb / 3P
Epitaxial planar PNP silicon transistor
logo
Continental Device Indi...
CMBT857 CDIL-CMBT857 Datasheet
115Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GI5706 GTM-GI5706 Datasheet
948Kb / 3P
PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
PNP Epitaxial Planar Silicon Transistor
logo
SHENZHEN YONGERJIA INDU...
A92 WINNERJOIN-A92 Datasheet
207Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com