Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7201 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7201
Description  5mA~450mA Constant Current Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7201 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7201 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7201 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ORDERING INFORMATION
Part Number
Current (mA)
Package
Eco
Description
HM7200-5
5
HM7201
10
HM7202
20
HM7203
30
HM7206
60
HM7208
80
HM7210
100
HM7212
120
HM7215
150
HM7218
180
HM7230
300
HM7235
350
HM7240
400
HM7245
450
Please contact H&M SEMI for other current selections.
General Notes
APPLICATION INFORMATION
For improved readability, the specification contains many application data points. When application information is given, it is advisory and does not
form part of the specification for the device.
BARE DIE DISCLAIMER
All die are tested and are guaranteed to comply with all data sheet limits up to the point of wafer sawing. There is no post waffle saw/pack testing
performed on individual die. Although the latest modern processes are utilized for wafer sawing and die pick-&-place into waffle pack carriers,
H&M SEMI has no control of third party procedures in the handling, packing or assembly of the die. Accordingly, it is the responsibility of the
customer to test and qualify their application in which the die is to be used. H&M SEMI assumes no liability for device functionality or performance of
the die or systems after handling, packing or assembly of the die.
LIFE SUPPORT APPLICATIONS
These devices are not designed for use in life support appliances, or systems where malfunction of these products can reasonably be expected to
result in personal injuries. Customer using or selling these products for use in such applications do so at their own risk.
CONTENT DISCLAIMER
H&M SEMI believes the information contained in this document to be accurate and reliable. However, it is subject to change without notice. No
responsibility is assumed by H&M SEMI for its use, nor for infringement of patents or other rights of third parties. No part of this publication may be
reproduced, or transmitted in any form or by any means without the prior consent of H&M SEMI. H&M SEMI's terms and conditions of sale apply at
all times.
©1999~2016
5mA~450mA Constant Current Regulator
SOT89-3
SOT23-3
SOT223
TO252
RoHS compliant
Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com