Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM70P04K Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM70P04K
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM70P04K Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM70P04K Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70P04K Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70P04K Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70P04K Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70P04K Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70P04K Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM70P04K Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page
v1.0
2
Thermal Characteristic
Thermal Resistance, Junction-to-Case(Note 2)
RθJC
1.92
/W
℃
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-40
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-40V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.2
-1.9
-2.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-20A
-
7.5
10
mΩ
Forward Transconductance
gFS
VDS=-10V,ID=-20A
-
50
-
S
Dynamic Characteristics (Note4)
Input Capacitance
Clss
-
6460
-
PF
Output Capacitance
Coss
-
684
-
PF
Reverse Transfer Capacitance
Crss
VDS=-20V,VGS=0V,
F=1.0MHz
-
600
-
PF
Switching Characteristics (Note 4)
Turn-on Delay Time
td(on)
-
15
-
nS
Turn-on Rise Time
tr
-
12
-
nS
Turn-Off Delay Time
td(off)
-
70
-
nS
Turn-Off Fall Time
tf
VDD=-20V, RL=2Ω,
VGS=-10V,RG=1Ω
-
18
-
nS
Total Gate Charge
Qg
-
106
nC
Gate-Source Charge
Qgs
-
22
nC
Gate-Drain Charge
Qgd
VDS=-20,ID=-20A,
VGS=-10V
-
27
nC
Drain-Source Diode Characteristics
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=-10A
-
-1.2
V
Diode Forward Current (Note 2)
IS
-
-
-70
A
Reverse Recovery Time
trr
-
53
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF =- 10A
di/dt = -100A/μs(Note3)
-
50
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production
5. EAS condition: Tj=25℃,VDD=-20V,VG=-10V,L=1mH,Rg=25Ω,IAS=45A
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM70P04K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com