Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7208 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7208
Description  5mA~450mA Constant Current Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7208 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7208 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7208 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
MAXIMUM RATING
Symbol
Parameter
Max.
Unit
Note
VP
Supply voltage
44
V
HM7200-5
5.5
mA
HM7201
11
mA
HM7202
22
mA
HM7203
33
mA
HM7206
66
mA
HM7208
88
mA
HM7210
110
mA
HM7212
132
mA
HM7215
165
mA
HM7218
198
mA
HM7230
330
mA
HM7235
385
mA
HM7240
440
mA
IVP
Saturation current
HM7245
450
mA
TOPR
Operation Temperature
–40 ~ +85
oC
TJ
Junction Temperature
135
oC
RTH ( j-a )
Thermal Resistance (junction to ambient)
215
oC/W
RTH ( j-c )
Thermal Resistance (junction to case)
50
oC/W
PD
Power Dissipation at TA=25oC
SOT23-3
0.55
W
RTH ( j-a )
Thermal Resistance (junction to ambient)
150
oC/W
RTH ( j-c )
Thermal Resistance (junction to case)
40
oC/W
PD
Power Dissipation at TA=25oC
SOT89-3
1
W
Note1
RTH ( j-a )
Thermal Resistance (junction to ambient)
140
oC/W
RTH ( j-c )
Thermal Resistance (junction to case)
30
oC/W
PD
Power Dissipation at TA=25oC
SOT223
1.5
W
Note2
RTH ( j-a )
Thermal Resistance (junction to ambient)
110
oC/W
RTH ( j-c )
Thermal Resistance (junction to case)
15
oC/W
PD
Power Dissipation at TA=25oC
TO252
3
W
Note3
Note:
1. The conditions for the power dissipation (SOT89-3) are as below:
Double-sided, FR4 PCB size: 50mmx50mmx1.6nn, Copper ratio: top side approx. 10%, back side approx. 100%,
No through-holes, Ta=25oC.
2. When surface mounted to an FR4 board using a minimum recommended pad size (Cu. area = 0.341 in2)
3. Double-sided, FR4 PCB size: 50mmx50mmx1.6nn, Copper ratio: top side approx. 20%, back side approx. 100%,
©1999~2016
5mA~450mA Constant Current Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com