Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC53C Datasheet(PDF) 3 Page - Suntsu Electronics, Inc.

Part # STC53C
Description  Ceramic SMT 4 Pad CMOS (VC)TCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

STC53C Datasheet(HTML) 3 Page - Suntsu Electronics, Inc.

  STC53C Datasheet HTML 1Page - Suntsu Electronics, Inc. STC53C Datasheet HTML 2Page - Suntsu Electronics, Inc. STC53C Datasheet HTML 3Page - Suntsu Electronics, Inc. STC53C Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
STC53C Series
Ceramic SMT 4 Pad CMOS (VC)TCXO
5.0mm x 3.2mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
Typical Jitter Performance (Measured By Agilent E5052A)
Tp (Time At 260°C. 20-40 Sec)
TI (Time Above 217°C.
60-150Sec)
Ts (Preheat Time.
60-180Sec)
T 25°C to Peak (480Sec Max)
Rup (Ramp Up, 3°C/Sec Max)
Rdn (Ramp Down,
6°C/Sec Max)
260
217
200
150
Time (sec)
Reflow Profile
Part Marking
Tape And Reel Dimensions
3,000pcs/Reel
Frequency - 19.440MHz
Frequency - 40.000MHz
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com