Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3SVS-BD-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M3SVS-BD-R
Description  Super-space-saving Signal Conditioners M3S-UNIT Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M3SVS-BD-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M3SVS-BD-R Datasheet HTML 1Page - M-System Co.,Ltd. M3SVS-BD-R Datasheet HTML 2Page - M-System Co.,Ltd. M3SVS-BD-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: M3SVS
M3SVS SPECIFICATIONS
ES-7718 Rev.9 Page 1/3
http://www.m-system.co.jp/
Super-space-saving Signal Conditioners
M3S-UNIT Series
SIGNAL TRANSMITTER
Functions & Features
• Accepts a DC mV, V or mA input and provides an isolated
DC signal
• Universal AC/DC power input
• High-density mounting
Typical Applications
• Signal conversion between control room and field
instrumentation with isolation
• Ideal for use as a fast solution, multifunctional spare part
12 (.47)
mm (inch)
110.5 (4.35)
106
(4.17)
MODEL: M3SVS–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: M3SVS-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. M3SVS-6A-M2/K/Q)
• Special input and output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
J: 0 – 10 μA DC (Input resistance 1000 Ω)
K: 0 – 100 μA DC (Input resistance 1000 Ω)
GW: -1 – +1 mA DC (Input resistance 1000 Ω)
FW: -10 – +10 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
15: 0 – 50 mV DC (Input resistance 10 kΩ min.)
16: 0 – 60 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
B: 2 – 10 mA DC (Load resistance 1100 Ω max.)
C: 1 – 5 mA DC (Load resistance 2200 Ω max.)
D: 0 – 20 mA DC (Load resistance 550 Ω max.)
E: 0 – 16 mA DC (Load resistance 680 Ω max.)
F: 0 – 10 mA DC (Load resistance 1100 Ω max.)
G: 0 – 1 mA DC (Load resistance 11 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 90 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
Universal
AD: 100 – 240 V AC / 24 – 240 V DC (universal)
(Operational voltage range 90 - 264 V AC, 47 - 66 Hz /
21.6 - 264 V DC, ripple 10 %p-p max.)


Similar Part No. - M3SVS-BD-R

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
M3S4ME3 XPPOWER-M3S4ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
M3S6ME3 XPPOWER-M3S6ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
logo
Texas Instruments
M3S9B92-EBZ20T TI-M3S9B92-EBZ20T Datasheet
7Mb / 1386P
Stellaris LM3S9B92 Microcontroller
logo
XP Power Limited
M3S9ME3 XPPOWER-M3S9ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
logo
M-System Co.,Ltd.
M3SDY MSYSTEM-M3SDY Datasheet
103Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results

Similar Description - M3SVS-BD-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M3LLC MSYSTEM-M3LLC Datasheet
119Kb / 4P
Space-saving Signal Conditioners M3-UNIT Series
M3SDY MSYSTEM-M3SDY Datasheet
103Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SMS MSYSTEM-M3SMS Datasheet
100Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SRS MSYSTEM-M3SRS Datasheet
102Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SWVS MSYSTEM-M3SWVS Datasheet
104Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXM MSYSTEM-M3SXM Datasheet
104Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXR MSYSTEM-M3SXR Datasheet
109Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SYV MSYSTEM-M3SYV Datasheet
92Kb / 2P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXV MSYSTEM-M3SXV Datasheet
107Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
M3SXT MSYSTEM-M3SXT Datasheet
118Kb / 4P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com