Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCFSK Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # STCFSK
Description  Metal Full Size Dip Clipped Sinewave (VC)TCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

STCFSK Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  STCFSK Datasheet HTML 1Page - Suntsu Electronics, Inc. STCFSK Datasheet HTML 2Page - Suntsu Electronics, Inc. STCFSK Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STCFSK Series
Metal Full Size Dip Clipped Sinewave (VC)TCXO
18.3mm x 11.7mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
±1.0ppm (Frequency Stability) Available
Clipped Sinewave
(VC)TCXO
Communication equipment
Base Station
FAX
Features
Applications
Frequency Range
Storage Temperature
Freq. Stability vs. Op Temp.
Supply Voltage (VDD) - 3.3V Option
Supply Voltage (VDD) - 5.0V Option
See part numbering guide for options.
3.3
5.0
MHz
°C
ppm
V
V
200
+125
3.465
5.250
6.0
-55
-1.0
3.135
4.750
Current (IDD)
Current (VC, VCTCXO) - 3.3V Option
Current (VC, VCTCXO) - 5.0V Option
mA
V
V
50
3.0
4.5
0.3
0.5
+1.0
Operating Temperature
See part numbering guide for options.
°C
+85
-40
Frequency Tolerance at +25ºC
ppm
-1.5
+1.5
Pullability (VCTCXO)
Output Load (Clipped Sinewave)
Frequency Adjustment
Phase Noise (Typical) 10Hz Offset
See part numbering guide for options.
50
ppm
kΩ//pF
%
ms
ppm
±12.0
60
3
±5.0
40
3
Phase Noise (Typical) 100Hz Offset
Phase Noise (Typical) 1KHz Offset
Phase Noise (Typical) 10KHz Offset
-80
-120
-135
dBc/Hz
dBc/Hz
dBc/Hz
10//10
Start-Up Time
Linearity (VCTCXO)
%
10
-140
dBc/Hz
Output Logic Levels
VP-P
0.8
Symmetry (Duty Cycle)
Phase Noise (Typical) 100KHz Offset
-145
dBc/Hz
Freq. Stability vs. Supply Voltage
VDD±5% change.
ppm
-0.3
+0.3
Freq. Stability vs. Load
±10% change
ppm
-0.2
+0.2
Freq. Stability vs. Aging
1 Year, ±3.1ppm for 10 Years
ppm
-1.0
+1.0
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
STC FS K 33 R 48 V E - 10.000M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
SUNTSU TCXO
FULL SIZE
CLIPPED SINEWAVE
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
N : ±5.0ppm
O : ±2.5ppm
P : ±2.0ppm
Q : ±1.5ppm
R : ±1.0ppm
07 : -0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
37 : -30°C - +75°C
38 : -30°C - +85°C
48 : -40°C - +70°C
MHz
SUPPLY VOLTAGE
33 : 3.3V±5%
50 : 5.0V±5%
PULLABILITY
BLANK : TCXO
D : ±20.0ppm
E : ±12.00ppm
G : ±5.0ppm
TCXO/VCTCXO
BLANK : TCXO
V : VCTCXO
OPERATING
TEMPERATURE RANGE


Similar Part No. - STCFSK

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
STCFSC33N07 SUNTSU-STCFSC33N07 Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
STCFSC33N07D SUNTSU-STCFSC33N07D Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
STCFSC33N07E SUNTSU-STCFSC33N07E Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
STCFSC33N07G SUNTSU-STCFSC33N07G Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
More results

Similar Description - STCFSK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
logo
Caliber Electronics Inc...
CVTC CALIBER-CVTC Datasheet
40Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
logo
Suntsu Electronics, Inc...
SOCFSS SUNTSU-SOCFSS Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
SSTFSC SUNTSU-SSTFSC Datasheet
447Kb / 3P
Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
SSTFSK SUNTSU-SSTFSK Datasheet
394Kb / 3P
Metal Full Size Dip Stratum 3 Clipped Sinewave (VC)TCXO
STC11K SUNTSU-STC11K Datasheet
335Kb / 3P
Ceramic SMD 4 Pad Clipped Sinewave (VC)TCXO
STC21K SUNTSU-STC21K Datasheet
440Kb / 3P
Ceramic SMT 6 Pad Clipped Sinewave (VC)TCXO
STC32K SUNTSU-STC32K Datasheet
902Kb / 4P
Ceramic SMT 4 Pad Clipped Sinewave (VC)TCXO
STC75K SUNTSU-STC75K Datasheet
788Kb / 4P
Ceramic SMT 10 Pad Clipped Sinewave (VC)TCXO
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com