Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC32C Datasheet(PDF) 2 Page - Suntsu Electronics, Inc.

Part # SVC32C
Description  Ceramic SMT 4 Pad CMOS VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SVC32C Datasheet(HTML) 2 Page - Suntsu Electronics, Inc.

  SVC32C Datasheet HTML 1Page - Suntsu Electronics, Inc. SVC32C Datasheet HTML 2Page - Suntsu Electronics, Inc. SVC32C Datasheet HTML 3Page - Suntsu Electronics, Inc. SVC32C Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SVC32C Series
Ceramic SMT 4 Pad CMOS VCXO
3.2mm x 2.5mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
All dimensions are in millimeters (mm) unless otherwise noted. Drawings are not to scale.
Outline Drawing & Land Pattern
Test Circuit (CMOS)
Typical Phase Noise Performance (Measured By Agilent E5052A)
Waveform (CMOS)
Frequency - 24.000MHz
Frequency - 35.328MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com