Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC75P Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SVC75P
Description  Ceramic SMT 6 Pad LVPECL VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SVC75P Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SVC75P Datasheet HTML 1Page - Suntsu Electronics, Inc. SVC75P Datasheet HTML 2Page - Suntsu Electronics, Inc. SVC75P Datasheet HTML 3Page - Suntsu Electronics, Inc. SVC75P Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SVC75P Series
Ceramic SMT 6 Pad LVPECL VCXO
7.0mm x 5.0mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±20ppm (Frequency Stability) Available
• Ceramic Package
• LVPECL
• Fundamental or PLL (Phase Lock Loop) Available
• Tape and Reel
• Fiber Channel
• Gigabit Ethernet
• PCI Express
• SONET
Features
Applications
Frequency Range
Storage Temperature
Supply Voltage (VDD) 2.5V Option
See part numbering guide for options.
MHz
°C
°C
800
+85
+125
9.5
-40
-55
Current (IDD) 2.5V Option
Current Voltage (VC) 3.3V Option
Only available with AT-Cut Fundamental.
2.5
V
mA
V
2.625
70
3.0
2.375
0.3
Operating Temperature
Frequency Stability (Includes Initial
Tolerance at 25°C, Frequency
Stability over Operating
Temperature, Output Load Change,
Supply Voltage Change, and First
Year Aging at 25°C.)
See part numbering guide for options.
ppm
-20
+20
Pullability
Output Logic LOW Level (VOL)
Output Load (LVPECL)
Tri-State Input Voltage - Enable
See part numbering guide for options.
50 Ω into VDD-2.0VDC
No Connection
±100
50
ppm
V
%
Ω
V
±150
VDD-1.620
55
±50
45
0.7*VDD
50
Symmetry (Duty Cycle)
Measured at 20% to 80% of Waveform.
0.5
ns
1
Linearity
%
10
Rise (TR) And Fall (TF) Time
Output Logic HIGH Level (VOH)
V
VDD-1.025
Supply Voltage (VDD) 3.3V Option
Available with AT-Cut Fundamental and PLL.
3.3
V
3.465
3.135
Current (IDD) 3.3V Option
mA
80
Current Voltage (VC) 2.5V Option
V
2.3
0.2
Tri-State Input Voltage - Disable
V
0.3*VDD
Start-Up Time
ms
10
Phase Jitter (12KHz ~ 20MHz)
AT-Cut Fundamental
0.4
ps
1
Phase Jitter (12KHz ~ 20MHz)
PLL (Phase Lock Loop)
3
ps
5
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
SVC 75 P 3 A 48 A 2 - 67.500M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
* For frequency stability option E contact a Suntsu representative.
SUNTSU VCXO
7.0mm x 5.0mm
LVPECL
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
A : ±50ppm
B : ±30ppm
C : ±25ppm
D : ±20ppm
*E : ±15ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
2 : 2.5V±5%
3 : 3.3V±5%
TRI-STATE
(ENABLE/DISABLE)
BLANK : No Connect
2 : Pin 2
PULLABILITY
A : ±150ppm
B : ±100ppm
C : ±80ppm
D : ±50ppm
OPERATING
TEMPERATURE RANGE


Similar Part No. - SVC75P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SVC751D-10A ETC1-SVC751D-10A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC751D-10A SAMWHA-SVC751D-10A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC751D-14A ETC1-SVC751D-14A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
logo
SAMWHA ELECTRIC
SVC751D-14A SAMWHA-SVC751D-14A Datasheet
2Mb / 10P
SVC Varistors Type
logo
List of Unclassifed Man...
SVC751D-20A ETC1-SVC751D-20A Datasheet
2Mb / 17P
CERAMIC SURGE ABSORBERS (VARISTORS)
More results

Similar Description - SVC75P

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SQV32C SUNTSU-SQV32C Datasheet
825Kb / 4P
Ceramic SMT 6 Pad CMOS VCXO
SQV53C SUNTSU-SQV53C Datasheet
800Kb / 4P
Ceramic SMT Quick Turn 6 Pad CMOS VCXO
SQV53L SUNTSU-SQV53L Datasheet
665Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVDS VCXO
SQV53P SUNTSU-SQV53P Datasheet
785Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVPECL VCXO
SQV75C SUNTSU-SQV75C Datasheet
816Kb / 4P
Ceramic SMT Quick Turn 6 Pad CMOS VCXO
SQV75P SUNTSU-SQV75P Datasheet
696Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVPECL VCXO
SVC53C SUNTSU-SVC53C Datasheet
718Kb / 4P
Ceramic SMT 6 Pad CMOS VCXO
SVC75C SUNTSU-SVC75C Datasheet
670Kb / 4P
Ceramic SMT 6 Pad CMOS VCXO
SVC75L SUNTSU-SVC75L Datasheet
806Kb / 4P
Ceramic SMT 6 Pad LVDS VCXO
SVCF6P SUNTSU-SVCF6P Datasheet
687Kb / 4P
FR4 PCB 6 Pad LVPECL VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com