Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVCF6P Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SVCF6P
Description  FR4 PCB 6 Pad LVPECL VCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SVCF6P Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SVCF6P Datasheet HTML 1Page - Suntsu Electronics, Inc. SVCF6P Datasheet HTML 2Page - Suntsu Electronics, Inc. SVCF6P Datasheet HTML 3Page - Suntsu Electronics, Inc. SVCF6P Datasheet HTML 4Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SVCF6P Series
FR4 PCB 6 Pad LVPECL VCXO
14.0mm x 8.7mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
• ±20ppm (Frequency Stability) Available
• Low Phase Noise and Jitter Performance
• LVPECL
• Tape and Reel
• High Definition TV
• Avionics
• Low Phase Signal Sources
• Test and Measurement Equipment
Features
Applications
Frequency Range
Storage Temperature
Supply Voltage (VDD) 3.3V Option
See part numbering guide for options.
MHz
°C
°C
800
+85
+125
10
-40
-55
Current (IDD) 3.3V Option
Current Voltage (VC) 5.0V Option
3.3
V
mA
V
3.465
70
5.0
3.135
0.0
Operating Temperature
Frequency Stability (Includes Initial
Tolerance at 25°C, Frequency
Stability over Operating
Temperature, Output Load Change,
Supply Voltage Change, and First
Year Aging at 25°C.)
See part numbering guide for options.
ppm
-20
+20
Pullability
Output Logic LOW Level (VOL)
Output Load (LVPECL)
Tri-State Input Voltage - Enable
See part numbering guide for options.
Measured at 20% to 80% of Waveform.
50 Ω into VDD-2.0VDC
No Connection
50
ppm
V
%
Ω
V
±100
VDD-1.620
55
±50
45
0.7*VDD
50
Symmetry (Duty Cycle)
ns
1
Linearity
%
10
Rise (TR) And Fall (TF) Time
Output Logic HIGH Level (VOH)
V
VDD-1.025
Supply Voltage (VDD) 5.0V Option
5.0
V
5.250
4.750
Current (IDD) 5.0V Option
mA
100
Current Voltage (VC) 3.3V Option
V
3.15
0.15
Tri-State Input Voltage - Disable
V
0.3*VDD
Start-Up Time
ms
10
Phase Jitter (12KHz ~ 20MHz)
ps
1
Input Impedance
kΩ
51
Modulation Bandwidth
@-3dB
kHz
10
SVC F6 P 3 A 48 B 2 - 27.000M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
* For frequency stability option E contact a Suntsu representative.
SUNTSU VCXO
FR4 PCB 6 PAD
LVPECL
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
A : ±50ppm
B : ±30ppm
C : ±25ppm
D : ±20ppm
*E : ±15ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
3 : 3.3V±5%
5 : 5.0V±5%
TRI-STATE
(ENABLE/DISABLE)
BLANK : No Connect
2 : Pin 2
PULLABILITY
A : ±150ppm
B : ±100ppm
C : ±80ppm
D : ±50ppm
OPERATING
TEMPERATURE RANGE
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum


Similar Part No. - SVCF6P

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SVCF6C SUNTSU-SVCF6C Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
SVCF6C3A07B SUNTSU-SVCF6C3A07B Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
SVCF6C3A07B2 SUNTSU-SVCF6C3A07B2 Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
SVCF6C3A07B5 SUNTSU-SVCF6C3A07B5 Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
SVCF6C3A07C SUNTSU-SVCF6C3A07C Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
More results

Similar Description - SVCF6P

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EM62GS EUROQUARTZ-EM62GS Datasheet
133Kb / 1P
Clipped Sinewave, 6 Pad FR4 substrate SMD
logo
Suntsu Electronics, Inc...
SOC09C SUNTSU-SOC09C Datasheet
385Kb / 3P
FR4 PCB SMT 6 Pad CMOS (VC)OCXO
SOC14C SUNTSU-SOC14C Datasheet
422Kb / 3P
FR4 PCB SMT 6 Pad CMOS (VC)OCXO
SOC15C SUNTSU-SOC15C Datasheet
477Kb / 3P
FR4 PCB SMT 6 Pad CMOS OCXO
SQV53P SUNTSU-SQV53P Datasheet
785Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVPECL VCXO
SQV75P SUNTSU-SQV75P Datasheet
696Kb / 4P
Ceramic SMT Quick Turn 6 Pad LVPECL VCXO
SVC75P SUNTSU-SVC75P Datasheet
703Kb / 4P
Ceramic SMT 6 Pad LVPECL VCXO
SVCF4C SUNTSU-SVCF4C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF6C SUNTSU-SVCF6C Datasheet
753Kb / 4P
FR4 PCB 6 Pad CMOS VCXO
SVCF6L SUNTSU-SVCF6L Datasheet
648Kb / 4P
FR4 PCB 6 Pad LVDS VCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com