Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVCFSC Datasheet(PDF) 1 Page - Suntsu Electronics, Inc.

Part # SVCFSC
Description  Metal Full Size Dip CMOS VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTSU [Suntsu Electronics, Inc.]
Direct Link  https://suntsu.com/
Logo SUNTSU - Suntsu Electronics, Inc.

SVCFSC Datasheet(HTML) 1 Page - Suntsu Electronics, Inc.

  SVCFSC Datasheet HTML 1Page - Suntsu Electronics, Inc. SVCFSC Datasheet HTML 2Page - Suntsu Electronics, Inc. SVCFSC Datasheet HTML 3Page - Suntsu Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SVCFSC Series
Metal Full Size Dip CMOS VCXO
20.7mm x 13.1mm
Call: +1-949-783-7300 | Fax: +1-949-783-7301
Specifications are subject
to change without notice.
www.suntsu.com
Suntsu Electronics, Inc.
142 TECHNOLOGY DR., SUITE 150
IRVINE, CA 92618
±20ppm (Frequency Stability) Available
Standard Full Size Package
CMOS/TTL Compatible
Fundamental or PLL (Phase Lock Loop)
Available
Phase Locked Loops Circuit
Synthesizers
Base Stations
Features
Applications
Frequency Range
Storage Temperature
Supply Voltage (VDD) 3.3V Option
See part numbering guide for options.
MHz
°C
°C
160
+85
+125
1
-40
-55
Current (IDD) 3.3V Option
Current Voltage (VC) 5.0V Option
Available with AT-Cut Fundamental and PLL.
3.3
V
mA
V
3.465
40
4.5
3.135
0.5
Operating Temperature
Frequency Stability (Includes Initial
Tolerance at 25°C, Frequency
Stability over Operating
Temperature, Output Load Change,
Supply Voltage Change, and First
Year Aging at 25°C.)
See part numbering guide for options.
ppm
-20
+20
Pullability
TTL Output Logic HIGH (VOH)
CMOS Output Logic HIGH (VOH)
Symmetry (Duty Cycle)
See part numbering guide for options.
±100
50
ppm
V
ns
V
%
±150
5
55
±50
2.4
0.9*VDD
45
Rise (TR) And Fall (TF) Time
V
0.4
Output Load (TTL)
TTL
10
TTL Output Logic LOW (VOL)
CMOS Output Logic LOW (VOL)
V
0.1*VDD
Supply Voltage (VDD) 5.0V Option
Only available with AT-Cut Fundamental.
5.0
V
5.250
4.750
Current (IDD) 5.0V Option
mA
50
Current Voltage (VC) 3.3V Option
V
3.0
0.3
Start-Up Time
ms
10
Phase Jitter (12KHz ~ 20MHz)
AT-Cut Fundamental
ps
1
Phase Jitter (12KHz ~ 20MHz)
PLL (Phase Lock Loop)
ps
5
Linearity
%
10
Output Load (CMOS)
pF
15
Typical
Units
Electrical Parameters
Maximum
Remarks
Minimum
SVC FS C 3 A 48 A - 40.000M
Cage Code: 4GUT4
To customize your parameters contact a Suntsu representative.
* For frequency stability option E contact a Suntsu representative.
SUNTSU VCXO
FULL SIZE
CMOS
Part Numbering Guide
COMPLIANT
FREQUENCY STABILITY
FREQUENCY
A : ±50ppm
B : ±30ppm
C : ±25ppm
D : ±20ppm
*E : ±15ppm
07 : 0°C - +70°C
16 : -10°C - +60°C
17 : -10°C - +70°C
27 : -20°C - +70°C
38 : -30°C - +85°C
48 : -40°C - +85°C
MHz
SUPPLY VOLTAGE
3 : 3.3V±5%
5 : 5.0V±5%
PULLABILITY
A : ±150ppm
B : ±100ppm
C : ±80ppm
D : ±50ppm
OPERATING
TEMPERATURE RANGE


Similar Part No. - SVCFSC

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SVCF4C SUNTSU-SVCF4C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF4C3A07B SUNTSU-SVCF4C3A07B Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF4C3A07C SUNTSU-SVCF4C3A07C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF4C3A16B SUNTSU-SVCF4C3A16B Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
SVCF4C3A16C SUNTSU-SVCF4C3A16C Datasheet
634Kb / 4P
FR4 PCB 4 Pad CMOS VCXO
More results

Similar Description - SVCFSC

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
Metal Dip Full Size Clock Oscillators
360-4.000M-3DNTTS OSCILENT-360-4.000M-3DNTTS Datasheet
145Kb / 3P
Metal Dip Full Size Programmable XO
logo
ILSI America LLC
I202 ILSI-I202 Datasheet
48Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
I212 ILSI-I212 Datasheet
47Kb / 2P
Leaded Oscillator, VCXO, TTL / HC-MOS Metal Package, Full Size DIP and Half DIP
logo
Suntsu Electronics, Inc...
SXOFSC SUNTSU-SXOFSC Datasheet
371Kb / 3P
Metal Full lf Size DIP CMOS Oscillator
SOCFSC SUNTSU-SOCFSC Datasheet
466Kb / 3P
Metal Full Size DIP CMOS OCXO
SOCFSS SUNTSU-SOCFSS Datasheet
476Kb / 3P
Metal Full Size DIP Sinewave OCXO
SSTFSC SUNTSU-SSTFSC Datasheet
447Kb / 3P
Metal Full Size Dip Stratum 3 CMOS (VC)TCXO
STCFSC SUNTSU-STCFSC Datasheet
346Kb / 3P
Metal Full Size Dip CMOS (VC)TCXO
SVCHSC SUNTSU-SVCHSC Datasheet
381Kb / 3P
Metal Half Size Dip CMOS VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com