Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH433FN476ZP Datasheet(PDF) 2 Page - Rohm

Part # MCH433FN476ZP
Description  Multi-layer ceramic chip capacitors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH433FN476ZP Datasheet(HTML) 2 Page - Rohm

  MCH433FN476ZP Datasheet HTML 1Page - Rohm MCH433FN476ZP Datasheet HTML 2Page - Rohm MCH433FN476ZP Datasheet HTML 3Page - Rohm MCH433FN476ZP Datasheet HTML 4Page - Rohm MCH433FN476ZP Datasheet HTML 5Page - Rohm MCH433FN476ZP Datasheet HTML 6Page - Rohm MCH433FN476ZP Datasheet HTML 7Page - Rohm MCH433FN476ZP Datasheet HTML 8Page - Rohm MCH433FN476ZP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MCH43
Ceramic capacitors
2/10
External dimensions (Unit : mm)
4.5
±0.4
0.2Min.
3.2
±0.4
T
T
Product thickness(mm)
1.6
±0.2
2.0
±0.2
2.3
±0.2
2.5
±0.3
2.8
±0.3
3.2
±0.3
Product designation
Rated voltage
Part No.
MC H
4
8
4
3
2
5
Code
Packing Style
Reel (
φ180mm) : compatible with EIAJ ET-7200A
4
33
F
7 6
Code
P
P
P
P
P
P
Product thickness
1.6mm
2.0mm
2.3mm
2.5mm
2.8mm
3.2mm
Packing specification
Plustic tape (width 12mm, pitch 8mm)
Plustic tape (width 12mm, pitch 8mm)
Plustic tape (width 12mm, pitch 8mm)
Plustic tape (width 12mm, pitch 8mm)
Plustic tape (width 12mm, pitch 8mm)
Plustic tape (width 12mm, pitch 8mm)
Reel
φ180mm (7in.)
φ180mm (7in.)
φ180mm (7in.)
φ180mm (7in.)
φ180mm (7in.)
φ180mm (7in.)
Basic ordering unit (pcs.)
1,000
1,000
500
500
500
500
ZP
6.3V
10V
16V
25V
50V
Voltage
N
Capacitance tolerance
Code
±5% (11pF or more)
±10%
±20%
+80%, −20%
Tolerance
J
K
M
Z
Nominal
capacitance
3-digit
designation
according
to IEC
Temperature characteristic code
: Refer to quick reference table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com