Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IL33197 Datasheet(PDF) 2 Page - Integral Corp.

Part # IL33197
Description  AUTOMOTIVE WASH WIPER TIMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL33197 Datasheet(HTML) 2 Page - Integral Corp.

  IL33197 Datasheet HTML 1Page - Integral Corp. IL33197 Datasheet HTML 2Page - Integral Corp. IL33197 Datasheet HTML 3Page - Integral Corp. IL33197 Datasheet HTML 4Page - Integral Corp. IL33197 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IL33197
2
ELECTRICAL CHARACTERISTICS (–40
oC ≤ TA ≤ +125 oC, 8.0 V ≤ VCC ≤ 16 V, unless otherwise noted.
Typical values reflect approximate mean at TA = 25
oC with V
CC = 14 V at the time of initial device
characterization.)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Supply Voltage Range
VCCF
8.0
–
18
V
Operating Supply Voltage Range
VCCOP
8.0
–
16
V
Standby Supply Current (VCC = 16 V, R2 = 68 k)
ICC
–
4.0
5.2
mA
Supply Current INT Active (R3 = 2.5 k)
ICC
–
7.0
8.4
mA
Supply Current Relay “On” (R2 = 68 k)
ICC
–
7.5
11.2
mA
Supply Current INT and Relay “On” (R2 = 68 k, R3 =
2.5 k)
ICC
–
10
14.5
mA
Oscillator Variations with Supply Voltage and
Temperature (excluding external component
tolerances, C2 = 100 nF polyester capacitor) (Notes
1 & 2)
Kosc
%
10 V
≤ Vbb ≤ 16 V
–
10
–
8.0 V
≤ Vbb ≤ 16 V
–
15
–
Relay Resistance
RL
60
–
–
Ω
Output Voltage (Iout = 200 mA)
Vout
–
0.9
1.5
V
Output Clamp Voltage (Iout = 20 mA)
Vcl
19.5
–
22
V
Oscillator Period Coefficient (TA = 25
oC)
–
Vbb = 13 V (Note 3)
tb1
0.98
1.0
1.03
Vbb = 13 V (INT Connected to Gnd) (Note 4)
tb2g
15.1
15.5
15.9
Vbb = 13 V (INT Connected to Vbat, R1 = 220 Ω)
(Note 4)
tb2v
11.5
12.1
12.7
CONT Threshold (VCC = 13 V)
Vih
6.0
–
8.5
V
CONT Threshold (VCC = 16 V)
Vih
–
VCC/2
–
V
NOTES:
1. The oscillator frequency is defined by the current flowing through the external resistor R2. The voltage at the INT pin is
(VCC/2 – Vbe) and hence the current flowing through R3 is different if R3 is connected to Vbb or to Gnd because of the voltage
drop across resistor R1. This voltage drop causes the oscillator coefficient for tb2 to be different for the two cases of INT
terminated to Gnd or to Vbb. Because of this, the oscillator coefficient is specified with a specific value of R1 whenever INT is
connected to Vbb. If R1 is changed, the coefficient will change. Also, any extra current through the resistor R1 other than the
current used by the device will cause timing deviations in tb2 timings (as in the case where two devices are sharing a
common R1 resistor).
2. The oscillator stability with temperature is dependent on the temperature coefficients of the external components. If the
capacitance value of the external capacitor varies more than 5% over the parametric temperature range, the figures quoted
for oscillator variation are not valid.
3. The tb1 duration is given by coefficient 4 x R2 x C2 (tb1 duration = tb1 x 4 x R2 x C2). 4. The tb2 duration is given by
coefficient x R3 x C2 (tb2 duration = tb2 x R3 x C2).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com