Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4414816 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 4414816
Description  Selector valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

4414816 Datasheet(HTML) 1 Page - Festo Corporation.

  4414816 Datasheet HTML 1Page - Festo Corporation. 4414816 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Selector valve
VHEF-ES-B52-N18
Part number: 4414816
Data sheet
Feature
Value
Valve function
5/2, bistable
Lap
Overlap
Cover material
PA-reinforced
Max. force on actuator
200 N
Max. transverse load on actuator
200 N
Operating pressure
-0.095 MPa ... 1 MPa
Actuation type
Manual
Width
20 mm
Standard nominal flow rate
750 l/min
Pneumatic working port
1/8 NPT
Operating pressure
-0.95 bar ... 10 bar
Design
Piston gate valve
Nominal width
5.2 mm
Type code
VHEF
Exhaust air function
With flow control option
Application note
Operate by hand only
Sealing principle
Soft
Mounting position
Any
Manual override
Detenting
Type of control
Direct
Flow direction
Reversible
Symbol
00995881
Max. switching frequency
0.5 Hz
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
1 - Low corrosion stress
Temperature of medium
-10 °C ... 60 °C
Ambient temperature
-10 °C ... 60 °C
Actuating torque
0.2 Nm
Product weight
235 g
Type of mounting
Optionally:
Front panel mounting
With through-hole
4/22/21 - Subject to change - Festo AG & Co. KG
1/2


Similar Part No. - 4414816

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
4414810 FESTO-4414810 Datasheet
90Kb / 2P
Selector valve
4414811 FESTO-4414811 Datasheet
88Kb / 2P
Selector valve
4414812 FESTO-4414812 Datasheet
90Kb / 2P
Selector valve
4414813 FESTO-4414813 Datasheet
88Kb / 2P
Selector valve
4414814 FESTO-4414814 Datasheet
90Kb / 2P
Selector valve
More results

Similar Description - 4414816

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VHEF-E-B53E-G18 FESTO-VHEF-E-B53E-G18 Datasheet
83Kb / 2P
Selector valve
VHEF-E-M52-M-G18 FESTO-VHEF-E-M52-M-G18 Datasheet
86Kb / 2P
Selector valve
VHEF-ES-B53E-G14 FESTO-VHEF-ES-B53E-G14 Datasheet
83Kb / 2P
Selector valve
VHEF-E-B52-N18 FESTO-VHEF-E-B52-N18 Datasheet
86Kb / 2P
Selector valve
VHEF-E-B53E-N18 FESTO-VHEF-E-B53E-N18 Datasheet
83Kb / 2P
Selector valve
VHEF-E-M52-M-N18 FESTO-VHEF-E-M52-M-N18 Datasheet
86Kb / 2P
Selector valve
VHEF-ES-B52-N14 FESTO-VHEF-ES-B52-N14 Datasheet
87Kb / 2P
Selector valve
VHEF-ES-P53C-M-N18 FESTO-VHEF-ES-P53C-M-N18 Datasheet
90Kb / 2P
Selector valve
VHEF-ES-P53E-M-N14 FESTO-VHEF-ES-P53E-M-N14 Datasheet
88Kb / 2P
Selector valve
VHEF-EST-M32-M-N14 FESTO-VHEF-EST-M32-M-N14 Datasheet
90Kb / 2P
Selector valve
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com