Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH038FN103CK Datasheet(PDF) 2 Page - Rohm

Part # MCH038FN103CK
Description  Multi-layer ceramic chip capacitors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH038FN103CK Datasheet(HTML) 2 Page - Rohm

  MCH038FN103CK Datasheet HTML 1Page - Rohm MCH038FN103CK Datasheet HTML 2Page - Rohm MCH038FN103CK Datasheet HTML 3Page - Rohm MCH038FN103CK Datasheet HTML 4Page - Rohm MCH038FN103CK Datasheet HTML 5Page - Rohm MCH038FN103CK Datasheet HTML 6Page - Rohm MCH038FN103CK Datasheet HTML 7Page - Rohm MCH038FN103CK Datasheet HTML 8Page - Rohm MCH038FN103CK Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MCH03
Ceramic capacitors
Rev.A
2/12
Product designation
Rated voltage
Temperature characteristic code
:Refer to quick reference table.
Part No.
MC H
0
8
3
2
Code
Packaging Style
1
33
F
0 3
Code
K
Prduct thickness
0.3mm
Reel
φ180mm (7in.)
Basic ordering unit(pcs.)
15,000
ZK
6.3V
16V
25V
Voltage
Capacitance tolerance
Code
±0.25pF(0.5 to 5pF)
±0.5pF(5.1 to 10pF)
±5%(11pF or more)
±10%
+80%, −20%
Tolerance
C
D
J
K
Z
N
Packing specification
Paper tape(width 8mm, pitch 2mm)
3-digit
designation
accordijg
to IEC
Nominal
capacitance
Product No.list
•Thermal compensation capacitors
Capacitance
(pF)
Temperature
Rated voltage (V)
A AN(CG) (COG) (CH) Characteristic
25V
Product No.
0.5
0.75
1.0
1.2
1.5
1.8
2.0
2.2
2.7
3.0
3.3
3.9
4.0
4.7
5.0
5.6
6
6.8
7
8
8.2
9
10
0.6
± 0.03
C (
±0.25pF)
D (
±0.5pF)
Tolerance
Product thickness(mm)
MCH032A (AN) 0R5CK
MCH032A (AN) R75CK
MCH032A (AN) 010CK
MCH032A (AN) 1R2CK
MCH032A (AN) 1R5CK
MCH032A (AN) 1R8CK
MCH032A (AN) 020CK
MCH032A (AN) 2R2CK
MCH032A (AN) 2R7CK
MCH032A (AN) 030CK
MCH032A (AN) 3R3CK
MCH032A (AN) 3R9CK
MCH032A (AN) 040CK
MCH032A (AN) 4R7CK
MCH032A (AN) 050CK
MCH032A (AN) 5R6DK
MCH032A (AN) 060DK
MCH032A (AN) 6R8DK
MCH032A (AN) 070DK
MCH032A (AN) 080DK
MCH032A (AN) 8R2DK
MCH032A (AN) 090DK
MCH032A (AN) 100DK
Capacitance
(pF)
Temperature
Rated voltage (V)
A AN(CG) (COG) (CH) Characteristic
25V
Product No.
12
15
18
22
27
33
39
47
56
68
82
100
0.6
± 0.03
J (
±5%)
Tolerance
Product thickness(mm)
MCH032A (AN) 120JK
MCH032A (AN) 150JK
MCH032A (AN) 180JK
MCH032A (AN) 220JK
MCH032A (AN) 270JK
MCH032A (AN) 330JK
MCH032A (AN) 390JK
MCH032A (AN) 470JK
MCH032A (AN) 560JK
MCH032A (AN) 680JK
MCH032A (AN) 820JK
MCH032A (AN) 101JK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com