Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5DY-A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M5DY-A-R
Description  Super-mini Terminal Block Signal Conditioners M5-UNIT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M5DY-A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M5DY-A-R Datasheet HTML 1Page - M-System Co.,Ltd. M5DY-A-R Datasheet HTML 2Page - M-System Co.,Ltd. M5DY-A-R Datasheet HTML 3Page - M-System Co.,Ltd. M5DY-A-R Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: M5DY
M5DY SPECIFICATIONS
ES-2476 Rev.9 Page 4/4
http://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Isolation
S
Z
Low Drift
Amplifier
Shortcircuit
Protection
24V DC
Supply
Output
Driver
+
–
+
–
1
2
3
4
+
–
OUTPUT
5
6
2-WIRE
TRANSMITTER
+
–
MONITOR
(1 – 5V DC)
V
8
7 U(+)
V(–)
POWER
POWER LED
2-WIRE
XMTR
+
–
+
–
INPUT
+
–
–
1
4
2
+
–
249.5Ω
249.5Ω
■ When Used as DC Supply
■ When Used as Isolator
3
1
4
2
249.5Ω
3
+
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com