Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT83009 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT83009
Description  Q-Voice
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83009 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT83009 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 12Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 13Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 14Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 15Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 16Page - Holtek Semiconductor Inc HT83009 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
HT83XXX
Rev. 0.10
13
August 25, 2003
Preliminary
one stack is left and the interrupt enable is not well controlled, once a CALL subroutine if used in the interrupt subrou-
tine will corrupt the original control sequence.
Register
Bit No.
Label
Function
INTC
(0BH)
0
EMI
Controls the master (global) interrupt (1= enabled; 0= disabled)
1
ETBI
Controls the time base interrupt (1= enabled; 0= disabled)
2
ET0I
Controls the timer 0 interrupt (1= enabled; 0= disabled)
3
ET1I
Controls the timer 1 interrupt (1= enabled; 0= disabled)
4
TBF
Time base interrupt request flag (1= active; 0= inactive)
5
T0F
Timer 0 request flag (1= active; 0= inactive)
6
T1F
Timer 1 request flag (1= active; 0= inactive)
7
¾
Unused bit, read as
²0²
INTC0 register
Interrupt Source
Priority
Vector
Time Base Interrupt
1
04H
Timer Counter 0 Overflow
2
08H
Timer Counter 1 Overflow
3
0CH
Oscillator Configuration
The HT83XXX provides RC oscillator circuit for the sys-
tem clock. The signal is used for the system clock. The
HALT mode stops the system oscillator to conserve
power. If the RC oscillator is used, an external resistor
between OSC1 and VSS is required, and the range of
the resistance should be from 62k
W to 100kW. The sys-
tem clock, divided by 4. The RC oscillator provides the
most cost effective solution. However, the frequency of
the oscillation may vary with VDD, temperature, and the
chip itself due to process variations. It is therefore not
suitable for timing sensitive operations where accurate
oscillator frequency is desired.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator) or instruction clock (sys-
tem clock divided by 4), decided by mask options. This
timer is designed to prevent a software malfunction or
sequence jumping to an unknown location with unpre-
dictable results. The Watchdog Timer can be disabled
by mask option. If the Watchdog Timer is disabled, all
the executions related to the WDT result in no operation.
Once the internal WDT oscillator (RC oscillator with pe-
riod 78
ms normally) is selected, it is first divided by 256
(8-stages) to get the nominal time-out period of approxi-
mately 20ms. This time-out period may vary with tem-
perature, VDD and process variations. By invoking the
WDT prescaler, longer time-out period can be realized.
Writing data to WS2, WS1, WS0 (bit 2,1,0 of
WDTS(09H)) can give different time-out period.
If WS2, WS1, WS0 all equal to 1, the division ratio is up
to 1:128, and the maximum time-out period is 2.6 sec-
onds.
If the device operates in a noisy environment, using the
on-chip RC oscillator (WDT OSC) is strongly recom-
mended, since the HALT will stop the system clock.
R C O s c i l l a t o r
O S C 1
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com