Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ15RF2 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ15RF2
Description  Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RF2 Datasheet(HTML) 6 Page - Sharp Corporation

  PQ15RF2 Datasheet HTML 1Page - Sharp Corporation PQ15RF2 Datasheet HTML 2Page - Sharp Corporation PQ15RF2 Datasheet HTML 3Page - Sharp Corporation PQ15RF2 Datasheet HTML 4Page - Sharp Corporation PQ15RF2 Datasheet HTML 5Page - Sharp Corporation PQ15RF2 Datasheet HTML 6Page - Sharp Corporation PQ15RF2 Datasheet HTML 7Page - Sharp Corporation PQ15RF2 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
246
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
Fig.19 Circuit Operating Current vs. Input Voltage
(PQ12RF2/PQ12RF21/PQ12RF2V)
Fig.21 Dropout Voltage vs. Junction
Temperature
Fig.23 Ripple Rejection vs. Input Ripple Frequency
Fig.22 Quiescent Current vs. Junction
Temperature
Fig.24 Ripple Rejection vs. Input Ripple Frequency
(PQ05RF2V/PQ09RF2V/PQ12RF2V/PQ15RF2V)
Fig.20 Circuit Operating Current vs. Input Voltage
(PQ15RF2/PQ15RF21/PQ15RF2V)
(PQ05RF2/PQ05RF21/PQ09RF2/PQ09RF21/PQ12RF2/
PQ12RF21/PQ15RF2/PQ15RF21)
0
0
5
10
15
20
25
20
40
60
RL=
∞
RL=
∞
RL=12
Ω
RL=12
Ω
RL=6
Ω
RL=6
Ω
80
Input voltage VIN (V)
0
0
5
10
15
20
30
25
20
40
60
RL=
∞
RL=
∞
RL=15
Ω
RL=15
Ω
RL=7.5
Ω
RL=7.5
Ω
80
Input voltage VIN (V)
–25
0
50
25
100
75
125
0.5
0.4
0.2
0.3
0.1
0
Junction temperature Tj (˚C)
IO =2A
1.5A
1A
0.5A
0
–25
0
25
50
75
100
125
2
4
6
8
VIN =35V
IO =0
10
Junction temperature Tj (˚C)
0
0.1
10
1
100
10
20
30
40
50
60
70
80
Input ripple frequency f (kHz)
Io=0.5A,ei(rms)=0.5V
VIN=7V(PQ05RF2/PQ05RF21)
VIN=15V(PQ09RF2/PQ09RF21)
VIN=18V(PQ12RF2/PQ12RF21)
VIN=23V(PQ15RF2/PQ15RF21)
0
0.1
10
1
100
10
20
30
40
50
60
70
80
Input ripple frequency f (kHz)
Io=0.5A,ei(rms)=0.5V
Cref=3.3
µF
VIN=7V(PQ05RF2V)
VIN=15V(PQ09RF2V)
VIN=18V(PQ12RF2V)
VIN=23V(PQ15RF2V)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com