Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # FS1A
Description  Fast Recovery rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

FS1A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  FS1A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd FS1A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd FS1A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FS1A~FS1M
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Fast switching for high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
●
Case:
JEDEC DO-214AC molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
JESD22-B102
●
Polarity:
Laser band denotes cathode end
IF(AV)
1.0 A
VRRM
50 V to 1000 V
IFSM
30 A
trr
150nS, 250nS, 500nS
VF
1.3 V
Tj max.
150 °C
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.2 x 0.2” (5.0 x 5.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Typical junction capacitance
4.0 V ,1MHz
CJ
11
8
pF
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
500
nS
150
250
Reverse current
VR=VDC
Tj=25℃
IR
5
μA
Tj=125℃
50
UNIT
Instantaneous forward voltage
IF=1.0 A
(2)
VF
V
1.3
Items
Test conditions
Symbol
FS1A~FS1G
FS1J
FS1K~FS1M
Maximum average forward rectified current
IF(AV)
j
Items
Symbol FS1A FS1B FS1D FS1G FS1J FS1K FS1M
UNIT
560
700
V
Maximum DC blocking voltage
VDC
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Maximum RMS voltage
VRMS
35
70
140
280
V
Operating junction and storage temperature
range
TJ ,TSTG
–55 to +150
℃
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Thermal resistance from junction to lead
(1)
RθJL
35
℃/ W
1.0
600
800
1000
V
50
100
200
400
A
420
Fast Recovery rectifier
Rev :
www.leiditech.com
01.06.2017
1/3


Similar Part No. - FS1A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS1A JGD-FS1A Datasheet
254Kb / 4P
1.0 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
FS1A MCC-FS1A Datasheet
621Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FS1A PFS-FS1A Datasheet
516Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS1A MCC-FS1A Datasheet
234Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FS1A

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com