Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBO-5C Datasheet(PDF) 2 Page - CUI INC

Part # PBO-5C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-5C Datasheet(HTML) 2 Page - CUI INC

  PBO-5C Datasheet HTML 1Page - CUI INC PBO-5C Datasheet HTML 2Page - CUI INC PBO-5C Datasheet HTML 3Page - CUI INC PBO-5C Datasheet HTML 4Page - CUI INC PBO-5C Datasheet HTML 5Page - CUI INC PBO-5C Datasheet HTML 6Page - CUI INC PBO-5C Datasheet HTML 7Page - CUI INC PBO-5C Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cui.com
date 11/18/2020
│ page 2 of 8
CUI Inc
│ SERIES: PBO-5C │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
ac input
dc input
85
70
305
430
Vac
Vdc
frequency
47
63
Hz
current
at 115 Vac
at 230 Vac
0.2
0.1
A
A
inrush current
at 115 Vac
at 230 Vac
20
40
A
A
no load power consumption
at 230 Vac
0.15
W
OUTPUT
parameter
conditions/description
min
typ
max
units
capacitive load
3.3 Vdc output models
5 Vdc output models
9 Vdc output models
12 Vdc output models
15 Vdc output models
24 Vdc output models
2,200
1,500
680
470
330
100
μF
μF
μF
μF
μF
μF
initial set point accuracy
10% ~ 100% load
±5
%
line regulation
at rated load
±1.5
%
load regulation
10% ~ 100% load
±3
%
temperature coefficient
±0.15
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over current protection
auto recovery
110
%
short circuit protection
continuous, auto recovery, hiccup
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute, leakage current <5mA
3,000
Vac
safety approvals
certified toiiiiiiiiiiiiii62368: IEC, EN, UL/cUL
designed to meet 61558: IEC, EN
designed to meet 60335: IEC, EN
safety class
class II
EMI/EMC
CISPR32/EN55032 CLASS A (Recommended circuit 1, 4)
CISPR32/EN55032 CLASS B (Recommended circuit 2, 3)
ESD
IEC/EN 61000-4-2 Contact ±6KV perf. Criteria B
radiated immunity
IEC/EN61000-4-3 10V/m perf. Criteria A
EFT/burst
IEC/EN61000-4-4 ±2KV (Recommended circuit 1, 2) perf. Criteria B
IEC/EN61000-4-4 ±4KV (Recommended circuit 3, 4) perf. Criteria B
surge
IEC/EN61000-4-5 line to line ±1KV (Recommended circuit 1, 2) perf. Criteria B
IEC/EN61000-4-5 line to line±2KV (Recommended circuit 3, 4) perf. Criteria B
conducted immunity
IEC/EN61000-4-6 10Vr.m.s perf. Criteria A
voltage dips and interruptions
IEC/EN61000-4-11 0%, 70% perf. Criteria B
MTBF
as per MIL-HDBK-217F at 25 °C
1,000,000
hours
RoHS
yes
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com