Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM61C092C482PR Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM61C092C482PR
Description  Low Power Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM61C092C482PR Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM61C092C482PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM61C092C482PR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Ver1.1
6
Oct 3,2011
Application Circuits
Microcomputer Reset Circuit
Normally a reset circuit is required to
protect the microcomputer system from
malfunctions due to power line inter-
rupttions.
The
following
examples
show how different output configure-
tions
perform
a reset function in
various systems.
NMOS open drain output application
for separate power supply
NMOS open drain output application
with R-C delay
Power-on Reset Circuit
With several external components, the
NMOS
open
drain
type
of
the
series can be used to
perform a power-on reset function as
shown:
5V Power Line Monitoring Circuit
Generally,
a
minimum
operating
voltage of 4.5V is guaranteed in a 5V
power line system. The
is
recommended for use as 5V power line
monitoring circuit.
5V power line monitor with power-on
reset
With 5V voltage regulator
series
Low Power Voltage Detector
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM61NXX2PR
HM61NXX2PR
HM61NXX2PR
HM61NXX2PR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com