Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K3000 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # K3000
Description  Silicon Bilateral Voltage Triggered Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

K3000 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  K3000 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd K3000 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IPP
ITSM
di/dt
Peak pulse current, TJ <150º C
(10×160µs)
(10×560µs)
(10×1000µs)
Peak one
Cycle(sinusoidal) Surge
Current
Critical Rate of
Rise of On-state
Current
Series
Max (A)
Max (A)
Max (A)
60Hz (A)
50Hz (A)
TYPICAL (A/µs)
K
60
35
35
20
16.7
100
n V-I Characteristics
n Package Dimensions
SMA-W
Unit:inch(mm)
.110(2.79)
.086(2.18)
.067(1.70)
.051(1.29)
.180(4.57)
.160(4.06)
.012(0.305)
.006(0.152)
.209(5.31)
.185(4.70)
.059(1.50)
.035(0.89)
.091(2.31)
.067(1.70)
.008(0.203)
.004(0.102)
K1005-K3000
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com