Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7828P5R Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7828P5R
Description  0.5A Low Power LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7828P5R Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7828P5R Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5R Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
(2)SOT89 and SOT89-5
①②③④
SOT89 (Top View)
①②③④
SOT89-5 (Top View)
Product Code: E
Output Voltage Code:
Vout
Code
Vout
Code
Vout
Code
1.5V
1
2.7V
C
3.9V
O
1.6V
2
2.8V
D
4.0V
P
1.7V
3
2.9V
E
4.1V
Q
1.8V
4
3.0V
F
4.2V
R
1.9V
5
3.1V
G
4.3V
S
2.0V
6
3.2V
H
4.4V
T
2.1V
7
3.3V
I
4.5V
U
2.2V
8
3.4V
J
4.6V
V
2.3V
9
3.5V
K
4.7V
W
2.4V
0
3.6V
L
4.8V
X
2.5V
A
3.7V
M
4.9V
Y
2.6V
B
3.8V
N
5.0V
Z
Data Code: XX
Note: The last two of them are based on the time of this product which is the first time into production, and the third is the
launch of this product ,it can be in 1 ~ 9 , which is expressed in "0" in October, in November with an "A",
in December with
"B";
the fourth is of the launch of the product, such as expressed in "0" in 2010, in "3" in 2013. For example: EZ81 represents
50PR product is first put into production in August in 2011.
5
HM78XX
0.5A Low Power LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com