Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7828P5G Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7828P5G
Description  0.5A Low Power LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7828P5G Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7828P5G Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7828P5G Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Marking Rule
(1)SOT23-3 and SOT23-5
①②③④
SOT23-3 (Top View)
2
1
3
List of Product Name vs. Product Code
NOTE: SOT23-5,the last is Z
SOT23-5B,the last is Y
Product
Name
Product Code
(1)
(2)
(3)
S
A
W
S
A
X
S
A
Y
S
A
Z
S
B
A
S
B
B
S
B
C
S
B
D
S
B
E
S
B
F
S
B
J
S
B
H
S
B
I
S
B
J
S
B
K
S
B
L
S
B
M
S
B
N
S
B
O
Product
Name
Product Code
(1)
(2)
(3)
12
S
A
A
13
A
B
14
A
C
15
A
D
16
A
E
S
A
F
18
S
A
G
19
S
A
I
20
S
A
J
21
S
A
K
22
S
A
L
23
S
A
M
24
S
A
N
25
S
A
O
26
S
A
P
27
S
A
Q
28
S
A
R
29
S
A
T
30
S
A
U
31
S
A
V
4
HM78XX
0.5A Low Power LDO
S
S
S
S
2
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com