Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ05RF2/PQ05RF2V Datasheet(PDF) 7 Page - Sharp Corporation

Part # PQ05RF2/PQ05RF2V
Description  Low Power-Loss Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF2/PQ05RF2V Datasheet(HTML) 7 Page - Sharp Corporation

  PQ05RF2/PQ05RF2V Datasheet HTML 1Page - Sharp Corporation PQ05RF2/PQ05RF2V Datasheet HTML 2Page - Sharp Corporation PQ05RF2/PQ05RF2V Datasheet HTML 3Page - Sharp Corporation PQ05RF2/PQ05RF2V Datasheet HTML 4Page - Sharp Corporation PQ05RF2/PQ05RF2V Datasheet HTML 5Page - Sharp Corporation PQ05RF2/PQ05RF2V Datasheet HTML 6Page - Sharp Corporation PQ05RF2/PQ05RF2V Datasheet HTML 7Page - Sharp Corporation PQ05RF2/PQ05RF2V Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
247
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
Fig.25 Ripple Rejection vs. Output Current
s Typical Application
PQ05RF2A
PQ05RF2B
Output voltage precision:
±5%
Output voltage precision:
±2.5%
s Model Line-ups for Lead Forming Type
5V Output
9V Output 12V Output
Output voltage
PQ09RF2A
PQ09RF2B
PQ12RF2A
PQ12RF2B
15V Output
PQ15RF2A
PQ15RF2B
Specific IC
+
+
Specific IC
+
+
+
High or Open : Output ON
Low
: Output OFF
VIN
VO
CO
ON/OFF
signal
CMOS or TTL
VIN
VO
Cref
CO
R1
R2
R1'
R2'
VO=Vref✕
1+ ––––––– q –––––––
R2'✕R2
R2'+R2
R1'+R1
R1'✕R1
Vref Nearly=1.26V,R1' Nearly=390
Ω
PQ05RF2V : R2'Nearly=1.16k
Ω
PQ09RF2V : R2'Nearly=2.40k
Ω
PQ12RF2V : R2'Nearly=3.32k
Ω
PQ15RF2V : R2'Nearly=4.45k
Ω
(Note) R1' and R2' are built in a specific IC.
PQ05RF2/PQ05RF21 Series
PQ05RF2V Series
1
2
3
4
1
2
3
4
30
0
0.5
1.0
1.5
2.0
40
50
60
70
f=120Hz,ei(rms)=0.5V,Cref=3.3
µF(Vtype)
VIN=7V(PQ05RF2 Series)
VIN=15V(PQ09RF2 Series)
VIN=18V(PQ12RF2 Series)
VIN=23V(PQ15RF2 Series)
80
Output current IO (A)
PQ05RF2/21,PQ09RF2/21
PQ12RF2/21,PQ15RF2/21
PQ05RF2V,PQ09RF2V
PQ12RF2V,PQ15RF2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com