Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM232 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM232
Description  Interface transceiver of RS-232 standard with one supply voltage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM232 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM232 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM232 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM232 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM232 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM232 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM232 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM232 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TECHNICAL DATA
Interface transceiver of RS-232 standard
with one supply voltage
IC
is purposed for application in high-performance information processing systems and control
devices of wide application.
Input voltage levels are compatible with standard СMOS levels.
 Output voltage levels are compatible with input levels
of K-MOS, N-MOS and TTL integrated circuits
 Supply voltage : 5V
 Low input current: 1.0 ㎂; 0.1 ㎂ at Т = 25 С
 Output current 24 mA
 Latching current not less than 450 mA at Т = 25С
 Enhanced ESD Specifications:
±15kV IEC61000-4-2 Air Discharge
±8kV IEC61000-4-2 Contact Discharge
Truth table
Inputs
Outputs
RIN, TIN
ROVT, TOVT
H
L
L
H
Note -
H – voltage high level;
L – low voltage level
IC marking in package
N Plastic DIP
D
SOIC
ТА= from -40 to 85
оС
For all packages
Pin symbols in package
C1+ 01
V+ 02
03
C2+ 04
05
06
07
GND
08
16
15
14
13
12
11
10
09
V
CC
C1-
C2-
T2
OUT
V-
R2
IN
R2
OUT
T2
IN
T1
IN
R1
OUT
R1
IN
T1
OUT
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com


Similar Part No. - HM232

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2325A HMSEMI-HM2325A Datasheet
593Kb / 8P
constant current LED regulators with high current accuracy
HM2328 HMSEMI-HM2328 Datasheet
546Kb / 3P
100V N Channel Enhancement Mode MOSFET
HM2329A HMSEMI-HM2329A Datasheet
378Kb / 6P
High-precision APFC non-isolated step-down LED constant current driver chip
More results

Similar Description - HM232

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
ILX232 INTEGRAL-ILX232 Datasheet
200Kb / 7P
Interface transceiver of RS-232 standard with one supply voltage
logo
KODENSHI_AUK CORP.
KKX232 KODENSHI-KKX232 Datasheet
255Kb / 7P
Interface transceiver of RS-232 standard with one supply voltage
KKX232-3.3 KODENSHI-KKX232-3.3 Datasheet
300Kb / 7P
Interface transceiver of RS-232 standard with one supply voltage
logo
Maxim Integrated Produc...
MAX13234E MAXIM-MAX13234E Datasheet
204Kb / 16P
3Mbps RS-232 Transceivers with Low-Voltage Interface
Rev 0; 10/08
logo
IK Semicon Co., Ltd
ILX3232 IKSEMICON-ILX3232 Datasheet
420Kb / 10P
Interface Transceiver of RS-232 Standard with One Supply Voltage
logo
Exar Corporation
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
List of Unclassifed Man...
732A ETC2-732A Datasheet
707Kb / 1P
RS-232 Interface
logo
HTC Korea TAEJIN Techno...
TJ232 HTC-TJ232 Datasheet
537Kb / 10P
Interface transceiver of RS-232 standard with one supply voltage
logo
Shenzhen Huazhimei Semi...
HM3232 HMSEMI-HM3232 Datasheet
555Kb / 11P
Interface Transceiver of RS-232 Standard with One Supply Voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com