Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM223B Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM223B
Description  1 key Touch Pad Detector IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM223B Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM223B Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM223B Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM223B Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM223B Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM223B Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM223B Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM223B Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM223B Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HM223B
2015/07/24
Page 4 of 8
Version:1.0
Function Description
Ⅰ
. Sensitivity adjustment
The total loading of electrode size and capacitance of connecting line on PCB can affect the
sensitivity. So the sensitivity adjustment must according to the practical application on PCB. The
HM223B offers some methods for adjusting the sensitivity outside.
1. by the electrode size
Under other conditions are fixed. Using a larger electrode size can increase sensitivity.
Otherwise it can decrease sensitivity. But the electrode size must use in the effective scope.
2. by the panel thickness
Under other conditions are fixed. Using a thinner panel can increase sensitivity. Otherwise it
can decrease sensitivity. But the panel thickness must be below the maximum value.
3. by the value of Cs(please see the down figure)
Under other conditions are fixed. When do not use the Cs to VSS, the sensitivity is most
sensitive. When adding the value of Cs will reduce sensitivity in the useful range
(
1≦Cs≦50pF).
AHLB
Q
TOG
ELECTRODE
Cs
I
VSS
VDD
VDD
Ⅱ
. Output mode(By TOG、AHLB pin option)
TOG pin:
Direct output or toggle output selection.
AHLB pad:
Output Q active high or active low selection.
Pin Q(CMOS output)option features:
TOG
AHLB
Pin Q option features
0
0
Direct output, CMOS active high
0
1
Direct output, CMOS active low
1
0
Toggle output, power on state = 0
1
1
Toggle output, power on state = 1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com