Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBO-10 Datasheet(PDF) 7 Page - CUI INC

Part # PBO-10
Description  AC-DC POWER SUPPLY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PBO-10 Datasheet(HTML) 7 Page - CUI INC

Back Button PBO-10 Datasheet HTML 2Page - CUI INC PBO-10 Datasheet HTML 3Page - CUI INC PBO-10 Datasheet HTML 4Page - CUI INC PBO-10 Datasheet HTML 5Page - CUI INC PBO-10 Datasheet HTML 6Page - CUI INC PBO-10 Datasheet HTML 7Page - CUI INC PBO-10 Datasheet HTML 8Page - CUI INC PBO-10 Datasheet HTML 9Page - CUI INC PBO-10 Datasheet HTML 10Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
cui.com
date 12/10/2020
│ page 7 of 10
CUI Inc
│ SERIES: PBO-10 │ DESCRIPTION: AC-DC POWER SUPPLY
EMC RECOMMENDED CIRCUIT
Circuit 1
Table 1
Applicationenvironment
Ambienttemperaturerange
ImmunityClass
EmissionsClass
Basic application
-40°C~85°C
ClassIII
ClassA
Component
Recommendedvalue
R1
12Ω/3W
LDM
4.7mH
Note:R1mustbeawire-woundresistor;donotuseachiporcarbonfilmresistor.
Circuit 2
Applicationenvironment
Ambienttemperaturerange
ImmunityClass
EmissionsClass
Indoorcivil/general
-25°C~55°C
ClassIII
ClassB
Component
Recommendedvalue
R1
12Ω/3W
CY1(CY2)
1.0nF/400Vac
LCM
3.5 mH
LDM
0.33 mH
CX
0.1µF/310Vac
FUSE(required)
1A/300V,slow-blow
Note:1.ForSmartHomeandHomeApplianceapplicationstwoY-capacitorsarerequiredinseries(2.2nF/400Vaceach)tomeet60335householdsafetyrquirements.
2.R1mustbeawire-woundresistor;donotuseachiporcarbonfilmresistor.
Table 2
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com