Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDWI Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDWI
Description  SMD Common Mode Choke
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDWI Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDWI Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Electrical Characteristics
Part Number
Impedance
(Ω)
Tolerance
(±%)
Test Frequency
(MHz)
RDC
(Ω) Max
IDC
(mA) Max
Rated Voltage
(Vdc)
Insulation
Resistance
(MΩ) Min
Note: When ordering, please specify tolerance code. Tolerance: Y=±25%
Operating temperature range-40℃~105℃(Including self - temperature rise)
IDC for Inductance drop 10% from its value without current.
Measure Equipment:
Z:HP4286A/HP4287A/Agilent E4991A+Agilent16197A
RDC:CHROMA MILLIOM METER MODE 16502(Single Wire Test Value)
IDC:HP4284A+HP42841A/HP4285A+HP42841A
Insulation Resistance:Agilent HP4339B
Test Instruments:HP4291A Material/Impedance Analyzer
Typical Impedance vs. Frequency
0.1
1
10
100
1000
1
10
100
1000
10000
FREQUENCY(MHz)
COMMON MODE
NORMAL MODE
900
600
600
900
LDWI Series
LDWI11T-600Y
60
25
100
0.40
250
20
10
LDWI11T-900Y
90
25
100
0.30
250
20
10
Rev :
www.leiditech.com
01.06.2018
2/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com