Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDWI21 Datasheet(PDF) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDWI21
Description  SMD Common Mode Choke
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDWI21 Datasheet(HTML) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button LDWI21 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd LDWI21 Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Packaging Specifications
Tape Dimensions
Reel Dimensions
Dimensions in mm
Tape Dimensions
Reel Dimensions
TYPE
A
B
T
W
P
F
K
A
B
C
D
Quantity
PCS / Reel
4.0 ± 0.1
T
2.0 ± 0.05
W
F
1.75 ± 0.1
K
P
A
Trailer
Blank part (160mm min.)
C
Blank Compartments with Cover Tape
and Leader (330mm min.)
B
1.5 +0.1/-0.0
LDWI Series
1.15
1.45
0.25
8
4
3.5
1.00
178
60
12
1.5
2000
1.50
2.25
0.24
8
4
3.5
1.35
178
60
12
1.5
2000
LDWI11
LDWI21
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2018
11/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com