Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CTC-210A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # M5CTC-210A-R
Description  Super-mini Terminal Block Signal Conditioners M5-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M5CTC-210A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  M5CTC-210A-R Datasheet HTML 1Page - M-System Co.,Ltd. M5CTC-210A-R Datasheet HTML 2Page - M-System Co.,Ltd. M5CTC-210A-R Datasheet HTML 3Page - M-System Co.,Ltd. M5CTC-210A-R Datasheet HTML 4Page - M-System Co.,Ltd. M5CTC-210A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: M5CTC
M5CTC SPECIFICATIONS
ES-2486 Rev.6 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
25 (.98)
41 (1.61)
[3.3 (.13)]
• When mounting, no extra space is needed between units.
DIN RAIL
35mm wide
8–M3.5 SCREW
7.3 (.29)
1 2
3 4
5 6
7 8
■ Sensor model No.: CLSA-08
L
K
10 (.39)
dia.
41 (1.61)
27 (1.05)
26 (1.02)
150 (5.91)
3000 (118)
l
k
■ Sensor model No.: CLSA-12
16 (.63)
dia.
44.5 (1.75)
30 (1.18)
31 (1.22)
150 (5.91)
l
k
L
K
3000 (118)
■ Sensor model No.: CLSA-30
24 (.94)
dia.
64 (2.52)
40 (1.57)
34 (1.34)
200 (7.87)
4
(.16)
4
(.16)
l
k
K
L
■ Sensor model No.: CLSA-50
36 (1.41)
dia.
80 (3.15)
50 (1.97)
38 (1.50)
4
(.16)
4
(.16)
200 (7.87)
l
k
K
L
■ Sensor model No.: CLSB-05
k
k
l
l
26.3 (1.04)
8.6
(.34)
8.6
(.34)
48 (1.89)
10 dia. (.39)
2–M3 SCREW
TERMINAL COVER
(detachable)
K
L
■ Sensor model No.: CLSB-10
30.5 (1.20)
7.5
(.30)
7.5
(.30)
53.7 (2.11)
16 dia. (.63)
2–M3 SCREW
k
k
l
l
TERMINAL COVER
(detachable)
K
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com