Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5CTC-215A-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M5CTC-215A-R
Description  Super-mini Terminal Block Signal Conditioners M5-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M5CTC-215A-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M5CTC-215A-R Datasheet HTML 1Page - M-System Co.,Ltd. M5CTC-215A-R Datasheet HTML 2Page - M-System Co.,Ltd. M5CTC-215A-R Datasheet HTML 3Page - M-System Co.,Ltd. M5CTC-215A-R Datasheet HTML 4Page - M-System Co.,Ltd. M5CTC-215A-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: M5CTC
M5CTC SPECIFICATIONS
ES-2486 Rev.6 Page 5/5
http://www.m-system.co.jp/
■ Sensor model No.: CLSB-20
k
k
l
l
2–M3 SCREW
35.9
(1.41)
8.3
(.33)
8.3
(.33)
75.7 (2.98)
24 dia. (.94)
TERMINAL COVER
(detachable)
K
L
■ Sensor model No.: CLSB-40
35 dia. (1.38)
k
k
l
l
2–M3 SCREW
K
L
35.5
(1.40)
8.8
(.35)
8.8
(.35)
93 (3.66)
TERMINAL COVER
(detachable)
■ Sensor model No.: CLSB-60
35.5
(1.40)
8.8
(.35)
8.8
(.35)
93 (3.66)
TERMINAL COVER
(detachable)
35 dia. (1.38)
k
k
l
l
2–M3 SCREW
K
L
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
–
OUTPUT
5
6
Output
Driver
S
Z
Low Drift
Amplifier
RMS
Operation
1
2
3
4
8
7 U(+)
V(–)
POWER
POWER LED
LOAD
SOURCE
CONNECTOR*
k
l
CLAMP-ON SENSOR
*Connector provided only for the CLSA-08 and CLSA-12.
(A)
(±)
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com