Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM7850PR Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7850PR
Description  0.5A Low Power LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7850PR Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM7850PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7850PR Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Application
VOUT
VIN
GND
10uF -
Cin
+
VIN
GND
+ Cout
VOUT
- 10uF
Note1: Cin=Cout=10uF. (10uF Electrolytic capacitor is recommended).
Note2: If the input and output capacitors are ceramic, add a resistor at the input, as follows.
VOUT
VIN
GND
10uF
Cin
VIN
GND
Cout
VOUT
Re
10uF
Note: Re= (1.2~1.8)Ω.
5 VOUT
1 VIN
2 GND
10uF
Cin
GND
Cout
VOUT
10uF
3 CE
Re
Ce
0.1uF
VIN
Note1:Input capacitor
CIN=10uF.
Note2:Ouput capacitor COUT=10uF/6.8uF(1uF Tantalum capacitor or 6.8uF ceramic capacitor is
recommended).
Note3:The CE port is recommended to connect the current limiting resistor Re. The recommended
resistance is 10K~47K. When the input voltage is larger than or equal to 12V, it is recommended to add a
0.01uF capacitor Ce.
7
HM78XX
0.5A Low Power LDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com