Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0640SCMC Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0640SCMC
Description  Over-voltage Protection Thyristor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0640SCMC Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0640SCMC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SCMC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SCMC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SCMC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SCMC Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd P0640SCMC Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
P Series
Over-voltage Protection Thyristor
P0640SCMC
ROHS
Description of Part Number
P
064
0
S
C
MC
Suffix Code
None = Standard Capacitance
MC = Micro Capacitance
4
Device Type
P: Over-voltage Protection Thyristor
Median Voltage Rating
064:64V
IPP Rating
A = 45 A (10×1000 μs)
B = 80 A (10×1000 μs)
C = 100 A (10×1000 μs)
M = 15A (10×1000 μs)
N = 30A (10×1000 μs)
Package Type
A = TO–220
E = TO-92
S = SMB
T = SMA
L = DO-41/15/27
U = SOP8
M=SOT-23
Construction Variable
0 = One chip
1 = Unidirectional part
2 = Two chips
3 = Three chips



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com