Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P800SC Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P800SC
Description  For surface mounted applications to optimize board space
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P800SC Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P800SC Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P800SC Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P800SC Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P800SC Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description
P8000SC series thyristors are a type of semi-conduct
component. They are designed in applications,
modems, telephones, line cards, answering machines,
FAX machines, SLICs, T1/E1, xDSL, PBXs and more.
Features
For surface mounted applications to optimize board
space
Low profile package
Bidirectional crowbar protection
Low leakage current : I = 5uA max
Low on-state voltage
Low Capacitance
Solid-state silicon technology
Eliminates overvoltage caused by fast rising
transients
Dimensions & Symbol(Unit: mm Max)
Mechanical Characteristics
Package: SMB/DO-214AA
Case Material: “Green” MoldingCompound.
UL Flammability Classification Rating 94V-0
Standard Packaging: 12mm tape (EIA STD
RS-481)
Weight: 0.950g
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
TIA-968-A/B
ITU K.20/21 Enhanced Level*
ITU K.20/21 Basic Level*
GR 1089 Inter-building*
GR 1089 Intra-building
IEC 61000-4-5 2nd edition
YD/T 1082
YD/T 993
YD/T 950
P0080SC
Rev 2.0 :
www.leiditech.com
12.01.2019
1/4


Similar Part No. - P800SC

ManufacturerPart #DatasheetDescription
logo
Semikron International
P800STL SEMIKRON-P800STL Datasheet
491Kb / 2P
Standard silicon rectifier diodes
More results

Similar Description - P800SC

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
5.0SMDJ11A LUGUANG-5.0SMDJ11A Datasheet
221Kb / 3P
For surface mounted applications in order to optimize board space
logo
Pan Jit International I...
ERT2AF PANJIT-ERT2AF Datasheet
146Kb / 5P
For surface mounted applications in order to optimize board space
ES2A PANJIT-ES2A Datasheet
147Kb / 6P
For surface mounted applications in order to optimize board space
SDM1645CS PANJIT-SDM1645CS Datasheet
135Kb / 5P
For surface mounted applications in order to optimize board space
SX52AF PANJIT-SX52AF Datasheet
134Kb / 5P
For surface mounted applications in order to optimize board space
logo
MERITEK ELECTRONICS COR...
1-5SMC MERITEK-1-5SMC Datasheet
516Kb / 4P
For surface mounted applications in order to optimize board space
5-0SMDJ MERITEK-5-0SMDJ Datasheet
322Kb / 4P
For surface mounted applications in order to optimize board space
logo
DIYI Electronic Technol...
P2SMASJ5.0A DYELEC-P2SMASJ5.0A Datasheet
1Mb / 3P
For surface mounted applications in order to optimize board space
P2SMSJ5A.0A DYELEC-P2SMSJ5A.0A Datasheet
1Mb / 4P
For surface mounted applications in order to optimize board space.
logo
Shanghai Leiditech Elec...
P4SMFJ3.3A LEIDITECH-P4SMFJ3.3A Datasheet
804Kb / 3P
For surface mounted applications in order to optimize board space.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com