Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3K Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ES3K
Description  High Efficiency Recovery rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ES3K Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ES3K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ES3K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ES3K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES3A~ES3M
Features
●
Low profile package
●
Ideal for automated placement
●
Glass passivated chip junctions
●
Ultrafast reverse recovery time
●
Low switching losses, high efficiency
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Major Ratings and Characteristics
Mechanical Date
●
Case:
JEDEC DO-214AB molded plastic
body over glass passivated chip
●
Terminals:
Solder plated, solderable per
JESD22-B102D
●
Polarity:
Laser band denotes cathode end
trr
50 nS , 75 nS
VF
1.0 V , 1.3 V , 1.7 V
Tj max.
150 °C
IF(AV)
3.0 A
VRRM
50 V to 1000 V
IFSM
100 A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.32 x 0.32” (8.0 x 8.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Maximum average forward rectified current
IF(AV)
3.0
A
Operating junction and storage temperature
range
TJ ,TSTG
–55 to +150
℃
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
100
A
Thermal resistance from junction to lead
(1)
RθJL
20
℃/ W
V
50
100
200
400
Maximum repetitive peak reverse voltage
VRRM
50
100
Items
Symbol ES3A ES3B ES3D ES3G
Maximum DC blocking voltage
VDC
600
Maximum RMS voltage
VRMS
35
70
140
280
600
j
Symbol
ES3A~ES3D
ES3G
ES3J~US3M
ES3J ES3K ES3M
UNIT
420
560
700
V
200
400
800
1000
V
800
1000
Reverse current
VR=VDC
Tj=25℃
IR
5
μA
Tj=125℃
50
UNIT
Instantaneous forward voltage
IF=3.0 A
(2)
VF
1.0
1.3
1.7
V
Items
Test conditions
Typical junction capacitance
4.0 V ,1MHz
CJ
30
pF
Reverse recovery time
IF = 0.5 A , IR = 1.0 A ,
Irr = 0.25 A
trr
50
75
nS
High Efficiency Recovery rectifiers
Rev :
www.leiditech.com
01.06.2015
1/3


Similar Part No. - ES3K

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
ES3K GOOD-ARK-ES3K Datasheet
174Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
SEMTECH ELECTRONICS LTD...
ES3K SEMTECH_ELEC-ES3K Datasheet
236Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
logo
Formosa MS
ES3K FORMOSA-ES3K Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
MAKO SEMICONDUCTOR CO.,...
ES3K MAKOSEMI-ES3K Datasheet
379Kb / 2P
SURFACE MOUNT RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES3K YFWDIODE-ES3K Datasheet
278Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIERS
More results

Similar Description - ES3K

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DHE05A LUGUANG-DHE05A Datasheet
445Kb / 2P
High Efficiency Recovery Rectifiers
DHE05M LUGUANG-DHE05M Datasheet
2Mb / 2P
High Efficiency Recovery Rectifiers
logo
SeCoS Halbleitertechnol...
ES25A SECOS-ES25A Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
ES25A SECOS-ES25A_15 Datasheet
200Kb / 2P
High Efficiency Recovery Rectifiers
SEF105AS SECOS-SEF105AS_15 Datasheet
261Kb / 2P
High Efficiency Recovery Rectifiers
logo
DONGGUAN YOU FENG WEI E...
US1A-SMA YFWDIODE-US1A-SMA Datasheet
104Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMA YFWDIODE-US2A-SMA Datasheet
88Kb / 2P
High Efficiency Recovery rectifiers
US2A-SMB YFWDIODE-US2A-SMB Datasheet
101Kb / 2P
High Efficiency Recovery rectifiers
logo
SeCoS Halbleitertechnol...
ES14A SECOS-ES14A Datasheet
271Kb / 2P
High Efficiency Recovery Rectifiers
logo
Shanghai Leiditech Elec...
US5A LEIDITECH-US5A Datasheet
297Kb / 3P
High Efficiency Recovery rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com