Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM730F Datasheet(PDF) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM730F
Description  400V N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM730F Datasheet(HTML) 7 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM730F Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM730F Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM730F Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM730F Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM730F Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM730F Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM730F Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM730F Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DU T
V
DS
+
_
Dr i v e r
R
G
Sa m e T y p e
as D U T
V
GS
• dv / dt c o nt r ol l ed by R
G
•I
SD c o n t r o l l e d
by pu l s e pe r i od
V
DD
L
I SD
10 V
V GS
( D r i v e r )
I SD
( DUT )
V DS
( D U T )
V
DD
Bo d y D i o d e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM
, B ody D i od e F or w ar d C u r r ent
B od y D i o de R ev e r s e C ur r e nt
I
RM
B ody D i ode R ec ov er y dv / dt
di / dt
D =
G a te P u l s e W i d th
G a t e Pu l s e Pe r i o d
-------- -------------- ----
DU T
V
DS
+
_
Dr i v e r
R
G
Sa m e T y p e
as D U T
V
GS
• dv / dt c o nt r ol l ed by R
G
•I
SD c o n t r o l l e d
by pu l s e pe r i od
V
DD
LL
I SD
10 V
V GS
( D r i v e r )
I SD
( DUT )
V DS
( D U T )
V
DD
Bo d y D i o d e
Fo r w a r d V o l t a g e D r o p
V
SD
I
FM
, B ody D i od e F or w ar d C u r r ent
B od y D i o de R ev e r s e C ur r e nt
I
RM
B ody D i ode R ec ov er y dv / dt
di / dt
D =
G a te P u l s e W i d th
G a t e Pu l s e Pe r i o d
-------- -------------- ----
D =
G a te P u l s e W i d th
G a t e Pu l s e Pe r i o d
-------- -------------- ----
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com