Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRT2011CVJ5A Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PRT2011CVJ5A
Description  i.MX RT1064 Crossover Processors for Industrial Products
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PRT2011CVJ5A Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PRT2011CVJ5A Datasheet HTML 3Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 4Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 5Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 6Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 7Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 8Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 9Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 10Page - NXP Semiconductors PRT2011CVJ5A Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 113 page
background image
i.MX RT1064 Introduction
i.MX RT1064 Crossover Processors for Industrial Products, Rev. 2, 08/2020
NXP Semiconductors
7
Table 1 provides examples of orderable part numbers covered by this Data Sheet.
Table 1. Ordering information
Part Number
Features
Package
Junction
Temperature Tj
(
C)
MIMXRT1064CVL5A
MIMXRT1064CVL5B
Features supports:
• 528 MHz, industrial
grade for general
purpose, with
MPU/FPU
•4 MB Flash
•eDMA
• Boot ROM (128 KB)
• On-chip RAM (1 MB)
• SEMC
•GPT x2
• 4-channel PIT
•Qtimer x4
•PWM x4
• ENC x4
• WDOG x4
• LCD/CSI/PXP
• SPDIF x1
• SAI x3
•MQS x1
• USB OTG x2
• eMMC 4.5/SD 3.0 x2
• KPP x1
• SPI x4
• XBAR/AOI
• Ethernet x2
•UART x8
•I2C x4
• FlexSPI x1
•CAN x2
• FlexCAN (with Flexible
Data-Rate supported)
• FlexIO x3
• 127 GPIOs (124 tightly
coupled)
• HAB/DCP/BEE/CSU
• TRNG
• SNVS (with RTC
supported)
•SJC
• ADC x2
•ACMP x4
•TSC
• DCDC
• Temperature sensor
•
GPC hardware power
management controller
10 x 10 mm, 0.65 mm
pitch, 196-pin MAPBGA
-40 to +105
MIMXRT1064CVJ5A
MIMXRT1064CVJ5B
Features supports:
• 528 MHz, industrial
grade for general
purpose, with
MPU/FPU
•4 MB Flash
•eDMA
• Boot ROM (128 KB)
• On-chip RAM (1 MB)
• SEMC
•GPT x2
• 4-channel PIT
•Qtimer x4
•PWM x4
• ENC x4
• WDOG x4
• LCD/CSI/PXP
• SPDIF x1
• SAI x3
•MQS x1
• USB OTG x2
• eMMC 4.5/SD 3.0 x2
• KPP x1
• SPI x4
• XBAR/AOI
• Ethernet x2
•UART x8
•I2C x4
• FlexSPI x1
•CAN x2
• FlexCAN (with Flexible
Data-Rate supported)
• FlexIO x3
• 127 GPIOs (124 tightly
coupled)
• HAB/DCP/BEE/CSU
• TRNG
• SNVS (with RTC
supported)
•SJC
• ADC x2
•ACMP x4
•TSC
• DCDC
• Temperature sensor
•
GPC hardware power
management controller
12 x 12 mm, 0.8 mm pitch,
196-pin MAPBGA
-40 to +105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com