Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0060SC2 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P0060SC2
Description  Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P0060SC2 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P0060SC2 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SC2 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SC2 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P0060SC2 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Solder Reflow Recommendations
●
Recommended reflow methods: IR,
vapor phase oven, hot air oven, wave
solder.
●
The device can be exposed to
temperature of 265°C for 10 seconds.
●
Devices can be cleaned using standard
industry methods and solvents.
Notes: If reflow temperatures
exceed the
recommended profile,
devices may not meet the
performance requirements.
Thermal Considerations
Product Dimensions
Dime-
nsion
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.130
0.155
3.30
3.94
B
0.201
0.22
5.10
5.60
C
0.077
0.083
1.95
2.11
D
0.166
0.185
4.22
4.70
E
0.030
0.063
0.75
1.60
F
0.075
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.096
1.95
2.45
M
0.018
0.028
0.46
0.71
K
0.008
0.014
0.20
0.35
N
0.022
0.028
0.56
0.71
J
0.039
0.053
1.00
1.35
P
0.052
0.058
1.32
1.47
Package
SMB-3
Symbol
Parameter
Value
Unit
TJ
Operating Junction
Temperature
-40 to +150
℃
TS
Storage Temperature
Range
-40 to +150
℃
RθJA
Junction to Ambient on
printed circuit
90
℃
/W
P0060SC2
Rev 2.0 :
www.leiditech.com
12.01.2019
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com