Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4200SC2 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # P4200SC2
Description  Thyristor Surge Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

P4200SC2 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  P4200SC2 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd P4200SC2 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd P4200SC2 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd P4200SC2 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev : 01.06.2014
3/4
www.leiditech.com
Electrical Characteristics Curves
Figure1 V-I Characteristics
Figure2 tr x td Pulse Wave-form
Figure 3 Normalized VS Change versus
Current
Solder Reflow Recommendations
Recommended reflow methods: IR,
vapor phase oven, hot air oven, wave
solder.
The device can be exposed to
temperature of 265°C for 10 seconds.
Devices can be cleaned using standard
industry methods and solvents.
Notes: If reflow temperatures
exceed the
recommended profile,
devices may not meet the
performance requirements.
P4200SC2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com