Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP12400EBDBB2 Datasheet(PDF) 43 Page - ON Semiconductor

Part # NCP12400EBDBB2
Description  Fixed Frequency Current Mode Controller for Flyback Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP12400EBDBB2 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button NCP12400EBDBB2 Datasheet HTML 38Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 39Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 40Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 41Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 42Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 43Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 44Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 45Page - ON Semiconductor NCP12400EBDBB2 Datasheet HTML 46Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
NCP12400
www.onsemi.com
43
Figure 75. Latch Timing Diagram
VCC(on)
VCC(min)
Temperature Shutdown
The NCP12400 includes a temperature shutdown
protection with a trip point typically at 150
°C and the typical
hysteresis of 30
°C. When the temperature rises above the
high
threshold,
the
controller
stops
switching
instantaneously, and goes to the off mode with extremely
low power consumption. There is kept the VCC supply to
keep the TSD information. When the temperature falls
below the low threshold, the start−up of the device is enabled
again, and a regular start−up sequence takes place. See the
status diagrams at the Figure 44.
ORDERING INFORMATION
Ordering Part No.
Overload Protection
Switching Frequency
Package
Shipping†
NCP12400BAHAB0DR2G
Latched
65 kHz
SOIC−7
(Pb−Free)
2500 / Tape &
Reel
NCP12400BAHBB0DR2G
Latched
65 kHz
NCP12400BBHAA1DR2G
Autorecovery
100 kHz
NCP12400CAHAB0DR2G
Latched
65 kHz
NCP12400CBAAB0DR2G
Autorecovery
65 kHz
NCP12400CBBAB0DR2G
Autorecovery
65 kHz
NCP12400CBHAA0DR2G
Autorecovery
65 kHz
NCP12400EAHBB0DR2G
Latched
65 kHz
NCP12400BBBBB2DR2G
Autorecovery
65 → 100 kHz
NCP12400BBBBA0DR2G
Autorecovery
65 kHz
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com